Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 34 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 34 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 28Page - Dialog Semiconductor DA9155M Datasheet HTML 29Page - Dialog Semiconductor DA9155M Datasheet HTML 30Page - Dialog Semiconductor DA9155M Datasheet HTML 31Page - Dialog Semiconductor DA9155M Datasheet HTML 32Page - Dialog Semiconductor DA9155M Datasheet HTML 33Page - Dialog Semiconductor DA9155M Datasheet HTML 34Page - Dialog Semiconductor DA9155M Datasheet HTML 35Page - Dialog Semiconductor DA9155M Datasheet HTML 36Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
12 Application information
12.1 PCB layout
EN
nIRQ
SDA
SCL
NC0
AGND
AGND
TP
NC1
AGND
AGND
VDDIO
AGND
AGND
AGND
VBAT
PGND
VLX
VLX
VLX
BOOT
PVDD
AVDD
VBATN
VIN
PGND
VLX
VLX
VLX
VIN
1005
1005
Power ground
Power ground
Quiet ground
112
112
112
112
112
112
112
112
112
Figure 21: Preliminary PCB layout for DA9155M (component sizes in mm)
It is recommended to create a separate quiet ground for the AVDD capacitor connection. The PCB
layout should ensure this ground is kept quiet, for example, they should be separated from the main
noisy power ground return path. The quiet ground can then be connected to the main ground at the
ground plane.
12.2 Component selection
12.2.1
Capacitors
Ref
Value
Size code
[mm]
Temp.
Char.
Tol.
Rating
Part
Buck input
bypass
10 µF
1608
X5R
±20%
25 V
CL10A106MA8NRNC
10 µF
1608
X5R
±20%
25 V
Murata GRM188R61E106MA73
Buck output
bypass
22 µF
1608
X5R
±20%
6.3 V
Murata GRM188R60J226MEA0
10 µF
1608
X5R
±20%
6.3 V
GRM188R60J106ME84
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
34 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com