Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 15Page - Dialog Semiconductor DA9155M Datasheet HTML 16Page - Dialog Semiconductor DA9155M Datasheet HTML 17Page - Dialog Semiconductor DA9155M Datasheet HTML 18Page - Dialog Semiconductor DA9155M Datasheet HTML 19Page - Dialog Semiconductor DA9155M Datasheet HTML 20Page - Dialog Semiconductor DA9155M Datasheet HTML 21Page - Dialog Semiconductor DA9155M Datasheet HTML 22Page - Dialog Semiconductor DA9155M Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 13: Byte write operation
When the host reads data from a register it first has to write-access DA9155M the target register
address and then read-access DA9155M with a repeated START or alternatively a second START
condition. After receiving the data, the host sends NACK and terminates the transmission with a
STOP condition. This is illustrated in Figure 14.
S
SLAVEadr W
A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEadr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S
SLAVEadr W
A
REGadr
P
7-bits
1-bit
8-bits
A
Figure 14: Examples of byte read operations
Consecutive (page) read-out mode is initiated from the master by sending an ACK instead of NACK
after receiving a byte, see Figure 15. The 2-wire control block then increments the address pointer to
the next register address and sends the data to the master. This enables an unlimited read of data
bytes until the master sends a NACK directly after receiving the data, followed by a subsequent
STOP condition. If a non-existent 2-wire address is read out then the DA9155M will return code zero.
S
SLAVEadr W A
REGadr
A
SLAVEadr
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
7-bits
DATA
A
Sr
R
1-bit
8-bits
S
SLAVEadr
W
A
REGadr
A
SLAVEadr
A
7-bits
1-bit
8-bits
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
A
*
P
DATA
DATA
A
A
*
DATA
8-bits
8-bits
8-bits
Figure 15: 2-wire page read
The slave address after the Repeated START condition must be the same as the previous slave
address.
Consecutive (page) write mode is supported if the master sends several data bytes following a slave
register address. The 2-wire control block then increments the address pointer to the next 2-wire
address, stores the received data, and sends an ACK until the master sends a STOP condition. The
page write mode is illustrated in Figure 16.
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
19 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com