Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 28Page - Dialog Semiconductor DA9155M Datasheet HTML 29Page - Dialog Semiconductor DA9155M Datasheet HTML 30Page - Dialog Semiconductor DA9155M Datasheet HTML 31Page - Dialog Semiconductor DA9155M Datasheet HTML 32Page - Dialog Semiconductor DA9155M Datasheet HTML 33Page - Dialog Semiconductor DA9155M Datasheet HTML 34Page - Dialog Semiconductor DA9155M Datasheet HTML 35Page - Dialog Semiconductor DA9155M Datasheet HTML 36Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
WRITE_MODE
6:6
Behavior upon sequential write accesses over the 2-wire
interface
0: Write data to consecutive addresses
1: Write data to arbitrary addresses using address-data pairs
PAGE
5:0
Top 6 bits of the register address.
11.7 Page 4
11.7.1
Page Control
PAGE_CTRL_4 (0x200)
Field
Slice
Description
REVERT
7:7
0: PAGE maintains its value until re-written
1: PAGE reverts to 0 after one access
WRITE_MODE
6:6
Behavior upon sequential write accesses over the 2-wire
interface
0: Write data to consecutive addresses
1: Write data to arbitrary addresses using address-data pairs
PAGE
5:0
Top 6 bits of the register address.
11.8 Page 5
11.8.1
Page Control
PAGE_CTRL_5 (0x280)
Field
Slice
Description
REVERT
7:7
0: PAGE maintains its value until re-written
1: PAGE reverts to 0 after one access
WRITE_MODE
6:6
Behavior upon sequential write accesses over the 2-wire
interface
0: Write data to consecutive addresses
1: Write data to arbitrary addresses using address-data pairs
PAGE
5:0
Top 6 bits of the register address.
11.9 Page 6
11.9.1
Page Control
PAGE_CTRL_6 (0x300)
Field
Slice
Description
REVERT
7:7
0: PAGE maintains its value until re-written
1: PAGE reverts to 0 after one access
WRITE_MODE
6:6
Behavior upon sequential write accesses over the 2-wire
interface
0: Write data to consecutive addresses
1: Write data to arbitrary addresses using address-data pairs
PAGE
5:0
Top 6 bits of the register address.
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
32 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com