Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 23Page - Dialog Semiconductor DA9155M Datasheet HTML 24Page - Dialog Semiconductor DA9155M Datasheet HTML 25Page - Dialog Semiconductor DA9155M Datasheet HTML 26Page - Dialog Semiconductor DA9155M Datasheet HTML 27Page - Dialog Semiconductor DA9155M Datasheet HTML 28Page - Dialog Semiconductor DA9155M Datasheet HTML 29Page - Dialog Semiconductor DA9155M Datasheet HTML 30Page - Dialog Semiconductor DA9155M Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
E_VBAT_UV
2:2
The battery voltage dropped below the VBAT_UV threshold.
E_TJUNC_CRIT
1:1
The junction temperature exceeded the TJUNC_CRIT
threshold.
E_TJUNC_WARN
0:0
Junction temperature crossed the TJUNC_WARN threshold.
Only a low-to-high transition triggers the event.
EVENT_B (0x004)
Field
Slice
Description
Reserved
7:5
E_TJUNC_POR
4:4
The junction temperature crossed the TJUNC_POR threshold
and caused an entry to the reset mode. This bit is only reset
upon a transition from the no-power mode to the reset mode.
E_VDDIO_UV
3:3
VDDIO dropped below a threshold. This event causes the I2C
interface to be reset.
E_TIMER
2:2
The safety timer expired.
E_BUCK_ILIM
1:1
The peak output current exceeded the limit BUCK_ILIM.
E_RDY
0:0
DA9155M moved to the disabled mode. The event is not
generated if VDDIO is below the monitoring threshold
(VDDIO_CONF).
IRQ_MASK_A (0x005)
Field
Slice
Description
M_EN_BLOCK
7:7
Mask bit for E_EN_BLOCK
M_VIN_OV
6:6
Mask bit for E_VIN_OV
M_VIN_DROP
5:5
Mask bit for E_VIN_DROP
M_VIN_UV
4:4
Mask bit for E_VIN_UV
M_VBAT_OV
3:3
Mask bit for E_VBAT_OV
M_VBAT_UV
2:2
Mask bit for E_VBAT_UB
M_TJUNC_CRIT
1:1
Mask bit for E_TJUNC_CRIT
M_TJUNC_WARN
0:0
Mask bit for E_TJUNC_WARN
IRQ_MASK_B (0x006)
Field
Slice
Description
Reserved
7:5
M_TJUNC_POR
4:4
Mask bit for E_TJUNC_POR
M_VDDIO_UV
3:3
Mask bit for E_VDDIO_UV
M_TIMER
2:2
Mask bit for E_TIMER
M_BUCK_ILIM
1:1
Mask bit for E_BUCK_ILIM
M_RDY
0:0
Mask bit for E_RDY
11.3.3
VIN And VBAT Monitoring
CONTROL_A (0x007)
Field
Slice
Description
VIN_DROP
7:0
VIN drop threshold.
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
27 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com