Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9155M Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA9155M Datasheet HTML 1Page - Dialog Semiconductor DA9155M Datasheet HTML 2Page - Dialog Semiconductor DA9155M Datasheet HTML 3Page - Dialog Semiconductor DA9155M Datasheet HTML 4Page - Dialog Semiconductor DA9155M Datasheet HTML 5Page - Dialog Semiconductor DA9155M Datasheet HTML 6Page - Dialog Semiconductor DA9155M Datasheet HTML 7Page - Dialog Semiconductor DA9155M Datasheet HTML 8Page - Dialog Semiconductor DA9155M Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
2
Revision history
Revision
Date
Changes
3.05
22-July-2016
Updated first page
3.04
10-May-2016
Added max value of VIN_OVLO
Updated max value of VIN_UVLO
Updated typ value of LESR
Added min value in Output current range
Added min and max values of ILIM
Updated test condition for VBAT_OV
Updated test condition for IQ_DIS_VIN
Updated description of Bit E_RDY in EVENT_B (0x004) register
3.03
24-Mar-2016
Update Specs for IQ_NO_PWR_VBAT and removed VOH
3.02
01-Mar-2016
Updated Specs for VIN2BAT, VIN2BAT_HYST, VIN_DROP_HYST, VIN_DROP_ACC,
VBAT_UV_ACC, VBAT_OV_ACC
3.01
15-Jan-2016
Update Figure 2 for LF35
3.00
09-Nov-2015
Final Datasheet Release
3
Ordering information
The order number consists of the part number followed by a suffix indicating the packing method. For
details, please consult the customer portal on the Dialog website or your local sales representative.
Table 1: Ordering information
Part number
Package
Package description
DA9155M-xxU72
30 WL-CSP
Tape and Reel, 4500pcs
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
3 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com