Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 29Page - Analog Devices ADE7758ARWRL Datasheet HTML 30Page - Analog Devices ADE7758ARWRL Datasheet HTML 31Page - Analog Devices ADE7758ARWRL Datasheet HTML 32Page - Analog Devices ADE7758ARWRL Datasheet HTML 33Page - Analog Devices ADE7758ARWRL Datasheet HTML 34Page - Analog Devices ADE7758ARWRL Datasheet HTML 35Page - Analog Devices ADE7758ARWRL Datasheet HTML 36Page - Analog Devices ADE7758ARWRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
ADE7758
Rev. A | Page 33 of 68
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation
register is 0.4 µs (4/CLKIN). With full-scale sinusoidal signals
on the analog inputs and the watt gain registers set to 0x000, the
average word value from each LPF2 is 0xCCCCD (see Figure 64
and Figure 66). The maximum value which can be stored in the
watt-hr accumulation register before it overflows is 215 − 1 or
0x7FFF. Because the average word value is added to the internal
register, which can store 240 − 1 or 0xFF, FFFF, FFFF before it
overflows, the integration time under these conditions with
WDIV = 0 is calculated as
second
0.524
μs
0.4
0xCCCCD
FFFF
FFFF,
0xFF,
=
×
=
Time
When WDIV is set to a value different from 0, the time before
overflow is scaled accordingly as shown in Equation 10.
(
)
[ 0
:
7
WDIV
0
WDIV
Time
Time
×
=
=
]
(10)
Energy Accumulation Mode
The active power accumulated in each watt-hr accumulation
register (AWATTHR, BWATTHR, or CWATTHR) depends on
the configuration of the CONSEL bits in the COMPMODE
register (Bit 0 and Bit 1). The different configurations are
described in Table 6.
Table 6. Inputs to Watt-Hr Accumulation Registers
CONSEL[1, 0]
AWATTHR
BWATTHR
CWATTHR
00
VA × IA
VB × IB
VC × IC
01
VA × (IA – IB)
0
VC × (IC – IB)
10
VA × (IA – IB)
0
VC × IC
11
Reserved
Reserved
Reserved
Note that the contents of the watt-hr accumulation registers are
affected by both the current gain register (IGAIN) and the watt
gain register of the corresponding phase. IGAIN should not be
used when using Mode 0 of CONSEL, COMPMODE[0:1].
Depending on the poly phase meter service, the appropriate
formula should be chosen to calculate the active energy. The
American ANSI C12.10 standard defines the different
configurations of the meter.
Table 7 describes which mode should be chosen in these
different configurations.
Table 7. Meter Form Configuration
ANSI Meter Form
CONSEL (d)
TERMSEL (d)
5S/13S
3-Wire Delta
0
3, 5, or 6
6S/14S
4-Wire Wye
1
7
8S/15S
4-Wire Delta
2
7
9S/16S
4-Wire Wye
0
7
Different gain calibration parameters are offered in the
ADE7758 to cover the calibration of the meter in different
configurations. It should be noted that in CONSEL Mode 0d
the IGAIN and WGAIN registers have the same effect on the
end result. However, changing IGAIN also changes all other
calculations that use the current waveform. In other words,
changing IGAIN changes the active, reactive, and apparent
energy, as well as the RMS current calculation results.
Active Power Frequency Output
Pin 1 (APCF) of the ADE7758 provides frequency output
for the total active power. After initial calibration during
manufacturing, the manufacturer or end customer will often
verifies the energy meter calibration. One convenient way to
verify the meter calibration is for the manufacturer to provide
an output frequency that is proportional to the energy or active
power under steady load conditions. This output frequency can
provide a simple, single-wire, optically isolated interface to
external calibration equipment. Figure 68 illustrates the energy-
to-frequency conversion in the ADE7758.
INPUT TO BWATTHR
REGISTER
INPUT TO AWATTHR
REGISTER
INPUT TO CWATTHR
REGISTER
DFC
APCF
APCFNUM[11:0]
APCFDEN[11:0]
÷
+
+
+
÷4
Figure 68. ADE7758 Active Power Frequency Output
A digital-to-frequency converter (DFC) is used to generate the
APCF pulse output from the total active power. TERMSEL bits
(Bit 2 to Bit 4) of the COMPMODE register can be used to select
which phases to include in the total power calculation. Setting
Bit 2, Bit 3, and Bit 4 includes the input to the AWATTHR,
BWATTHR, and CWATTHR registers in the total active power
calculation. The total active power is signed addition. However,
setting the ABS bit (Bit 5) in the COMPMODE register enables
the absolute only mode, that is, only the absolute value of the
active power is considered.
The output from the DFC is divided down by a pair of frequency
division registers before sending to the APCF pulse output.
Namely, APCFDEN/APCFNUM pulses are needed at the DFC
output before the APCF pin outputs a pulse. Under steady load
conditions, the output frequency is directly proportional to the
total active power. The pulse width of APCF is 64 × CLKIN if
APCFNUM and APCFDEN are both equal. If APCFDEN is
greater than APCFNUM, the pulse width depends on
APCFDEN. The pulse width in this case is T × (APCFDEN/2),
where T is the period of the APCF pulse and APCFDEN/2 is
rounded to the nearest whole number. An exception to this is
when the period is greater than 180 ms. In this case, the pulse
width is fixed at 90 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com