Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 48Page - Analog Devices ADE7758ARWRL Datasheet HTML 49Page - Analog Devices ADE7758ARWRL Datasheet HTML 50Page - Analog Devices ADE7758ARWRL Datasheet HTML 51Page - Analog Devices ADE7758ARWRL Datasheet HTML 52Page - Analog Devices ADE7758ARWRL Datasheet HTML 53Page - Analog Devices ADE7758ARWRL Datasheet HTML 54Page - Analog Devices ADE7758ARWRL Datasheet HTML 55Page - Analog Devices ADE7758ARWRL Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
ADE7758
Rev. A | Page 52 of 68
Calibration of IRMS and VRMS Offset
Step 11: Calculate the value written to the xVAROS registers
according to the following equations.
IRMSOS and VRMSOS are used to cancel noise and offset
contributions from the inputs. The calibration method is the
same whether calibrating using the pulse outputs or line
accumulation. Reading the registers is required for this
calibration since there is no rms pulse output. The rms offset
calibration should be performed before VAGAIN calibration.
The rms offset calibration also removes offset from the VA
calculation. For this reason, no VA offset register exists in the
ADE7758.
TEST
MIN
MIN
TEST
I
I
I
xVARHR
I
xVARHR
Offset
×
×
=
(54)
29
2
4
]
0
:
11
[
×
×
×
+
CLKIN
AccumTime
Offset
xVAROS
(55)
Example—Power Offset Calibration Using Line
Accumulation
The low-pass filter used to obtain the rms measurements is not
ideal, therefore it is recommended to synchronize the readings
with the zero crossings of the voltage waveform and to average a
few measurements when reading the rms registers.
This example only shows Phase A of the phase active power
offset calibration. Both active and reactive power offset for all
phases can be calibrated simultaneously using the method
explained in the Power Offset Calibration Using Line
Accumulation section.
The ADE7758 IRMS measurement is linear over a 500:1 range,
and the VRMS measurement is linear over a 20:1 range. To
measure the voltage VRMS offset (xVRMSOS), measure rms
values at two different nonzero current levels, for example,
VNOM and VNOM/20. To measure the current rms offset
(IRMSOS), measure rms values at two different nonzero current
levels, for example, ITEST and IMAX/500). This translates to three
test conditions: ITEST and VNOM, IMAX/500 and VNOM, ITEST and
VNOM/20. Figure 84 shows a flow chart for calibrating the rms
measurements.
For this example, ITEST = 10 A, IMIN = 100 mA, VNOM = 220 V,
Power Factor = unity, Frequency = 50 Hz, and LINECYC =
0xFFF.
At ITEST, the example ADE7758 meter shows 192489d in the
AWATTHR (0x01) register after gain calibration at 0xFFF line
cycles. At IMIN, the meter shows 1919d in the AWATTHR
register. By using Equation 52, this is equivalent to the 6 LSBs of
offset, therefore, using Equation 53, the value written to
AWATTOS is 94d.
95
.
5
10
1
.
0
1
.
0
489
,
192
10
1919
=
×
×
=
Offset
39
.
94
2
MHz
10
65
.
13
4
6
29 =
×
×
×
=
AWATTOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com