Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 32Page - Analog Devices ADE7758ARWRL Datasheet HTML 33Page - Analog Devices ADE7758ARWRL Datasheet HTML 34Page - Analog Devices ADE7758ARWRL Datasheet HTML 35Page - Analog Devices ADE7758ARWRL Datasheet HTML 36Page - Analog Devices ADE7758ARWRL Datasheet HTML 37Page - Analog Devices ADE7758ARWRL Datasheet HTML 38Page - Analog Devices ADE7758ARWRL Datasheet HTML 39Page - Analog Devices ADE7758ARWRL Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
ADE7758
Rev. A | Page 36 of 68
to twice the line frequency. Because the ripple is sinusoidal
in nature, it is removed when the reactive power signal is
integrated over time to calculate the reactive energy.
The phase-shift filter has –90° phase shift when the integrator is
enabled and +90° phase shift when the integrator is disabled. In
addition, the filter has a nonunity magnitude response. Because
the phase-shift filter has a large attenuation at high frequency, the
reactive power is primarily for the calculation at line frequency.
The effect of harmonics is largely ignored in the reactive power
calculation. Note that because of the magnitude characteristic of
the phase shifting filter, the LSB weight of the reactive power
calculation is slightly different from that of the active power
calculation (see the Energy Registers Scaling section).
Reactive Power Gain Calibration
The average reactive power from the LPF output in each phase
can be scaled by ±50% by writing to the phase’s VAR gain
register (AVARG, BVARG, or CVARG). The VAR gain registers
are twos complement, signed registers, and have a resolution of
0.024%/LSB. The function of the VAR gain registers is
expressed below.
=
Power
Reactive
Average
⎛ +
×
12
2
1
Register
Gain
VAR
Output
LPF2
The output is scaled by –50% when the VAR gain registers
contents are set to 0x800 and the output is increased by +50%
by writing 0x7FF to the VAR gain register. This register can be
used to calibrate the reactive power (or energy) calculation in
the ADE7758 for each phase.
Reactive Power Offset Calibration
The ADE7758 incorporates a VAR offset register on each phase
(AVAROS, BVAROS, and CVAROS). These are signed twos
complement, 12-bit registers that are used to remove offsets in
the reactive power calculations. An offset may exist in the
power calculation due to crosstalk between channels on the
PCB or in the chip itself. The offset calibration allows the
contents of the reactive power register to be maintained at 0
when no reactive power is being consumed. The offset registers’
resolution is the same as the active power offset registers (see
the Apparent Power Offset Calibration section).
Sign of Reactive Power Calculation
Note that the average reactive power is a signed calculation. As
stated previously, the phase shift filter has –90° phase shift when
the integrator is enabled and +90° phase shift when the
integrator is disabled. Table 8 summarizes the relationship
between the phase difference between the voltage and the
current and the sign of the resulting VAR calculation.
The ADE7758 has a sign detection circuit for the reactive power
calculation. The REVPRP bit (Bit 18) in the interrupt status
register is set if the average reactive power from any one of the
phases changes. The phases monitored are selected by
TERMSEL bits in the COMPMODE register (see Table 17). If
the REVPRP bit is set in the mask register, the IRQ logic output
goes active low (see the ADE7758 Interrupts section). Note that
this bit is set whenever there is a sign change, i.e., the bit is set
for both a positive-to-negative change or a negative-to-positive
change of the sign bit.
Table 8. Sign of Reactive Power Calculation
Φ1
Integrator
Sign of Reactive Power
Between 0 to +90
Off
Positive
Between −90 to 0
Off
Negative
Between 0 to +90
On
Positive
Between −90 to 0
On
Negative
____________________________________________________
1 Φ is defined as the phase angle of the voltage signal minus the current
signal, i.e., Φ is positive if the load is inductive and negative if the load is
capacitive.
Reactive Energy Calculation
Reactive energy is defined as the integral of reactive power.
()dt
t
q
Energy
Reactive
=
(19)
Similar to active power, the ADE7758 achieves the integration
of the reactive power signal by continuously accumulating the
reactive power signal in the internal 41-bit accumulation
registers. The VAR-hr registers (AVARHR, BVARHR, and
CVARHR) represent the upper 16 bits of these internal
registers. This discrete time accumulation or summation is
equivalent to integration in continuous time. Equation 20
expresses the relationship
()
()
×
=
=
=
0
n
T
T
nT
q
Lim
dt
t
q
Energy
Reactive
0
(20)
where n is the discrete time sample number and T is the sample
period.
Figure 72 shows the signal path of the reactive energy accumula-
tion. The average reactive power signal is continuously added to
the internal reactive energy register. This addition is a signed
operation. Negative energy is subtracted from the reactive energy
register. The average reactive power is divided by the content of
the VAR divider register before they are added to the corre-
sponding VAR-hr accumulation registers. When the value in
the VARDIV[7:0] register is 0 or 1, the reactive power is
accumulated without any division. VARDIV is an 8-bit
unsigned register that is useful to lengthen the time it takes
before the VAR-hr accumulation registers overflow.
Similar to reactive power, the fastest integration time occurs
when the VAR gain registers are set to maximum full scale, i.e.,
0x7FF. The time it takes before overflow can be scaled by writing
to the VARDIV register and therefore it can be increased by a
maximum factor of 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com