Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 59 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 55Page - Analog Devices ADE7758ARWRL Datasheet HTML 56Page - Analog Devices ADE7758ARWRL Datasheet HTML 57Page - Analog Devices ADE7758ARWRL Datasheet HTML 58Page - Analog Devices ADE7758ARWRL Datasheet HTML 59Page - Analog Devices ADE7758ARWRL Datasheet HTML 60Page - Analog Devices ADE7758ARWRL Datasheet HTML 61Page - Analog Devices ADE7758ARWRL Datasheet HTML 62Page - Analog Devices ADE7758ARWRL Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
ADE7758
Rev. A | Page 59 of 68
Address
[A6:A0]
Name
R/W1
Length
Default
Value
Description
0x0F
CVRMS
R
24
0
Phase C Voltage Channel RMS Register.
0x10
FREQ
R
12
0
Frequency of the Line Input Estimated by the Zero-Crossing Processing. It can
also display the period of the line input. Bit 7 of the LCYCMODE register
determines if the reading is frequency or period. Default is frequency. Data Bit 0
and Bit 1 of the MMODE register determine the voltage channel used for the
frequency or period calculation.
0x11
TEMP
R
8
0
Temperature Register. This register contains the result of the latest temperature
conversion. Please refer to the Temperature Measurement section for details on
how to interpret the content of this register.
0x12
WFORM
R
24
0
Waveform Register. This register contains the digitized waveform of one of the
six analog inputs or the digitized power waveform. The source is selected by
Data Bit 0 to Bit 4 in the WAVMODE register.
0x13
OPMODE
R/W
8
4
Operational Mode Register. This register defines the general configuration of the
ADE7758 (see Table 14).
0x14
MMODE
R/W
8
0xFC
Measurement Mode Register. This register defines the channel used for period
and peak detection measurements (see Table 15).
0x15
WAVMODE
R/W
8
0
Waveform Mode Register. This register defines the channel and sampling
frequency used in the waveform sampling mode (see Table 16).
0x16
COMPMODE
R/W
8
0x1C
This register configures the formula applied for the energy and line active energy
measurements (see Table 17).
0x17
LCYCMODE
R/W
8
0x78
This register configures the Line Cycle Accumulation Mode for WATT-HR, VAR-HR,
and VA-Hr (see Table 18).
0x18
MASK
R/W
24
0
The IRQ Mask Register. It determines if an interrupt event generates an active-
low output at the IRQ pin (see the ADE7758 Interrupts section).
0x19
STATUS
R
24
0
The IRQ Status Register. This register contains information regarding the source
of the ADE7758 interrupts (see the ADE7758 Interrupts section).
0x1A
RSTATUS
R
24
0
Same as the STATUS Register, except that its contents are reset to 0 (all flags
cleared) after a read operation.
0x1B
ZXTOUT
R/W
16
0xFFFF
Zero-Cross Timeout Register. If no zero crossing is detected within the time
period specified by this register, the interrupt request line (IRQ) goes active low
for the corresponding line voltage. The maximum timeout period is 2.3 seconds
(see the Zero-Crossing Detection section).
0x1C
LINECYC
R/W
16
0xFFFF
Line Cycle Register. The content of this register sets the number of half-line
cycles that the active, reactive, and apparent energies are accumulated for in the
line accumulation mode.
0x1D
SAGCYC
R/W
8
0xFF
SAG Line Cycle Register. This register specifies the number of consecutive half-
line cycles where voltage channel input may fall below a threshold level. This
register is common to the three line voltage SAG detection. The detection
threshold is specified by the SAGLVL register (see the Line Voltage SAG Detection
section).
0x1E
SAGLVL
R/W
8
0
SAG Voltage Level. This register specifies the detection threshold for the SAG
event. This register is common to all three phases’ line voltage SAG detections.
See the description of SAGCYC register for details.
0x1F
VPINTLVL
R/W
8
0xFF
Voltage Peak Level Interrupt Threshold Register. This register sets the level of the
voltage peak detection. Bit 5 to Bit 7 of the MMODE register determine which
phases are to be monitored. If the selected voltage phase exceeds this level, the
PKV flag in the IRQ status register is set.
0x20
IPINTLVL
R/W
8
0xFF
Current Peak Level Interrupt Threshold Register. This register sets the level of the
current peak detection. Bit 5 to Bit 7 of the MMODE register determine which
phases to are be monitored. If the selected current phase exceeds this level, the
PKI flag in the IRQ status register is set.
0x21
VPEAK
R
8
0
Voltage Peak Register. This register contains the value of the peak voltage
waveform that has occurred within a fixed number of half-line cycles. The
number of half-line cycles is set by the LINECYC register.
0x22
IPEAK
R
8
0
Current Peak Register. This register holds the value of the peak current waveform
that has occurred within a fixed number of half-line cycles. The number of half-
line cycles is set by the LINECYC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com