Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 43Page - Analog Devices ADE7758ARWRL Datasheet HTML 44Page - Analog Devices ADE7758ARWRL Datasheet HTML 45Page - Analog Devices ADE7758ARWRL Datasheet HTML 46Page - Analog Devices ADE7758ARWRL Datasheet HTML 47Page - Analog Devices ADE7758ARWRL Datasheet HTML 48Page - Analog Devices ADE7758ARWRL Datasheet HTML 49Page - Analog Devices ADE7758ARWRL Datasheet HTML 50Page - Analog Devices ADE7758ARWRL Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
ADE7758
Rev. A | Page 47 of 68
Example—Offset Calibration of Phase a Using Pulse Output
For this example, ITEST = 50 mA, VNOM = 220 V, VFULLSCALE = 500
V, IFULLSCALE = 130 A, MC = 3200 impulses/kWh, Power Factor =
1, Frequency = 50 Hz, and CLKIN = 10 MHz.
With ITEST, VNOM, and unity power factor, the example ADE7758
meter shows 0.009773 Hz on the APCF pulse output and
0.009773 Hz on the VARCF pulse output. This is equivalent to
0.24% for the watt measurement and 0.24% for the VAR
measurement. Using Equations 38 through 41, the values 0xFFB
and 0xFFA should be written to AWATTOS (0x39) and VAROS
(0x3C), respectively.
For AWATTOS:
0186
.
0
4
1
2
1
4
6
10
25
=
×
×
=
E
Q
For AVAROS:
014
.
0
4
1
4
2083
202
2
1
4
6
10
24
=
×
×
×
=
E
Q
()
5
.
4
–
1
227
0186
.
0
2
00975
.
0
0024
.
0
–
4
=
×
×
×
=
AWATTOS
()
6
–
1
227
014
.
0
2
00975
.
0
0024
.
0
–
4
=
×
×
×
=
AVAROS
Calibration Using Line Accumulation
Line cycle accumulation mode configures the nine energy
registers such that the amount of energy accumulated over an
integer number of half line cycles appears in the registers after
the LINECYC interrupt. The benefit of using this mode is that
the sinusoidal component of the active energy is eliminated.
Figure 80 shows a flow chart of how to calibrate the ADE7758
using the line accumulation mode. Calibration of all phases and
energies can be done simultaneously using this mode to save
time during calibration.
START
CAL IRMS OFFSET
CAL VRMS OFFSET
CAL WATT AND VA
GAIN ALL PHASES
@ PF = 1
CAL VAR GAIN ALL
PHASES @ PF = 0
CALIBRATE PHASE
ALL PHASES
@ PF = 0.5
CALIBRATE ALL
PHASES WATT
OFFSET @ IMIN AND
PF = 1
CALIBRATE ALL
PHASES VAR
OFFSETS @ IMIN
AND PF = 0
END
Figure 80. Calibration Using Line Accumulation
Gain Calibration Using Line Accumulation
Gain calibration is used for meter-to-meter gain adjustment,
APCF or VARCF output rate calibration, and determining the
Wh/LSB, VARh/LSB, and VAh/LSB constant.
Step 0: Before performing the gain calibration, the
CFNUM/CFDEN (0x45/0x46) and VARCFNUM/VARCFDEN
(0x47/0x48) values can be set to achieve the correct
impulses/kWh, impulses/kVAh, or impulses/kVARh using the
same method outlined in Step 4 in the Gain Calibration Using
Pulse Output section. The calibration of xWG/xVARG/xVAG
(0x2A through 0x32) is done with the line accumulation mode.
Figure 81 shows the steps involved in calibrating the gain
registers using the line accumulation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com