Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 45Page - Analog Devices ADE7758ARWRL Datasheet HTML 46Page - Analog Devices ADE7758ARWRL Datasheet HTML 47Page - Analog Devices ADE7758ARWRL Datasheet HTML 48Page - Analog Devices ADE7758ARWRL Datasheet HTML 49Page - Analog Devices ADE7758ARWRL Datasheet HTML 50Page - Analog Devices ADE7758ARWRL Datasheet HTML 51Page - Analog Devices ADE7758ARWRL Datasheet HTML 52Page - Analog Devices ADE7758ARWRL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
ADE7758
Rev. A | Page 49 of 68
Step 8: Read all six xWATTHR (0x01 to 0x03) and xVAHR
(0x07 to 0x09) energy registers after the LENERGY interrupt
and store the values.
Step 8a: Calculate the values to be written to xWG registers
according to the following equation.
()
×
×
θ
×
×
×
×
=
600
,
3
000
,
1
cos
4
2
12
TEST
TEST
V
I
MC
xWG
[]
WDIV
xWATTHR
AccumTime
×
0
:
11
(42)
where Accumulation Time is
[]
Selected
Phases
of
No.
Frequency
Line
2
LINECYC
AccumTime
×
×
=
0
:
15
(43)
MC is the meter constant, θ is the angle between the current
and voltage, Line Frequency is read from the FREQ register or is
known, and the No. of Phases Selected are the number of ZXSEL
bits set to Logic 1 in LCYCMODE (0x17).
Step 8b: Calculate the values to be written to the xVAG registers
according to the following equation.
()
×
×
θ
×
×
×
×
=
600
,
3
000
,
1
cos
4
2
12
TEST
TEST
V
I
MC
xVAG
[]
VADIV
xVAHR
AccumTime ×
0
:
11
(44)
Step 9: Write to xWG and xVAG.
Step 10: Set the test system for ITEST, VNOM, and zero power factor
(calibrate VAR gain).
Step 11: Repeat Step 7.
Step 12: Read the xVARHR (0x04 to 0x06) after the LENERGY
interrupt and store the values.
Step 13: Calculate the values to be written to the xVARG
registers (to adjust VARCF to the expected value).
()
×
×
θ
×
×
×
×
=
600
,
3
000
,
1
sin
4
2
12
TEST
TEST
V
I
MC
xVAG
[]
VADIV
xVAHR
AccumTime ×
0
:
11
(45)
Step 14: Write to xVARG.
Step 15: Calculate the Wh/LSB, VARh/LSB, and VAh/LSB
constants.
xWATTHR
AccumTime
V
I
LSB
Wh
NOM
TEST
×
×
×
=
600
,
3
(46)
xVAHR
AccumTime
V
I
LSB
VAh
NOM
TEST
×
×
×
=
600
,
3
(47)
xVARHR
AccumTime
V
I
LSB
VARh
NOM
TEST
×
×
×
=
600
,
3
(48)
Example—Watt Gain Calibration Using Line Accumulation
This example only shows Phase A watt calibration. The steps
outlined in the Gain Calibration Using Line Accumulation
section show how to calibrate watt, VA, and VAR. All three
phases can be calibrated simultaneously because there are nine
energy registers.
For this example, ITEST = 10 A, VNOM = 220 V, Power Factor = 1,
Frequency = 50 Hz, LINECYC (0x1C) is set to 1FF, and
MC = 3200 imp/kWhr.
To set APCFNUM (0x45) and APCFDEN (0x46) to the
calculated value to perform a coarse adjustment on the
imp/kW-hr ratio, use Equation 27 to Equation 29:
54
.
0
130
10
500
220
kH
16
=
×
×
=
z
APCFNOMINAL
()
Hz
95
.
1
cos
600
,
3
000
,
1
220
10
200
,
3
=
θ
×
×
×
×
=
EXPECTED
APCF
227
Hz
95
.
1
Hz
541
=
= INT
APCFDEN
Under the test conditions above, the AWATTHR register value
is 24008d after the LENERGY interrupt. Using Equation 42 and
Equation 43, the value to be written to AWG is 02d.
s
AccumTime
7
.
1
3
50
2
FF
1
x
0
=
×
×
=
268
.
2
1
008
,
24
7
.
1
600
,
3
000
,
1
1
220
10
200
,
3
4
2
12
=
×
×
×
×
×
×
×
×
=
s
xWG
Using Equation 46, the Wh/LSB constant is
5
–
10
33
.
4
008
,
24
600
,
3
7
.
1
220
10
×
=
×
×
×
=
LSB
Wh
Phase Calibration Using Line Accumulation
The ADE7758 includes a phase calibration register on each
phase to compensate for small phase errors. Large phase errors
should be compensated by adjusting the antialiasing filters. The
ADE7758’s phase calibration is a time delay with different
weights in the positive and negative direction (see the Phase
Compensation section). Since a current transformer is a source
of phase error, a fixed nominal value may be decided on to load
into the xPHCAL (0x3F to 0x41) registers at power-up. During
calibration, this value can be adjusted for CT-to-CT error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com