Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 39Page - Analog Devices ADE7758ARWRL Datasheet HTML 40Page - Analog Devices ADE7758ARWRL Datasheet HTML 41Page - Analog Devices ADE7758ARWRL Datasheet HTML 42Page - Analog Devices ADE7758ARWRL Datasheet HTML 43Page - Analog Devices ADE7758ARWRL Datasheet HTML 44Page - Analog Devices ADE7758ARWRL Datasheet HTML 45Page - Analog Devices ADE7758ARWRL Datasheet HTML 46Page - Analog Devices ADE7758ARWRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
ADE7758
Rev. A | Page 43 of 68
START
STEP 1
STEP 1A
ENABLE CF AND
VARCF PULSE
OUTPUTS
STEP 2
SET GAIN REGISTERS: XWG,
XVAG, XVARG TO LOGIC 0
SELECT VA FOR
VARCF OUTPUT
CFNUM/VARCFNUM
SET TO CALCULATE
VALUES?
NO
YES
ALL
PHASES VA
AND WATT
GAIN CAL?
YES
NO
STEP 3
SET UP PULSE
OUTPUT FOR
PHASE A, B, OR C
STEP 5
SET UP SYSTEM
FOR ITEST, VNOM
PF = 1
STEP 6
MEASURE %
ERROR FOR APCF
AND VARCF
STEP 7
CALCULATE AND
WRITE TO
XWG, XVAG
CALCULATE Wh/LSB
AND VAh/LSB
CONSTANTS
SET CFNUM/VARCFNUM
AND CFDEN/VARCFDEN
TO CALCULATED VALUES
STEP 4
END
ALL PHASES
VAR GAIN
CALIBRATED?
YES
NO
SELECT VAR
FOR VARCF
OUTPUT
STEP 3
SET UP PULSE
OUTPUT FOR
PHASE A, B, OR C
VARCFNUM/
VARCFDEN
SET TO CALCULATED
VALUES?
NO
YES
STEP 5
SET UP SYSTEM
FOR ITEST, VNOM
PF = 0
STEP 6
MEASURE %
ERROR FOR
VARCF
STEP 7
CALCULATE AND
WRITE TO XVARG
CALCULATE
kVARh/LSB
CONSTANT
SET
VARCFNUM/VARCFDEN TO
CALCULATED VALUES
STEP 4
Figure 77. Gain Calibration Using Pulse Output
Step 1: Enable the pulse output by setting Bit 2 of the OPMODE
register (0x13) to Logic 0. This bit enables both the APCF and
VARCF pulses.
Step 1a: VAR and VA share the VARCF pulse output.
WAVMODE[7], Address (0x15), should be set to choose
between VAR or VA pulses on the output. Setting the bit to Logic
1 selects VA. The default is Logic 0 or VARCF pulse output.
Step 2: Ensure the xWG/xVARG/xVAG are set to Logic 0.
Step 3: Disable the Phase B and Phase C contribution to the
APCF and VARCF pulses. This is done by the TERMSEL[2:4]
bits of the COMPMODE register (0x16). Setting Bit 2 to Logic 1
and Bit 3 and Bit 4 to Logic 0 allows only Phase A to be included
in the pulse outputs.
Step 4: Set APCFNUM(0x45) and APCFDEN(0x46) to the
calculated value to perform a coarse adjustment on the
imp/kWh ratio. For VAR/VA calibration, VARCFNUM (0x47)
and VARCFDEN(0x48) should be set to the calculated value.
The pulse output frequency with one phase at full-scale inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com