Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758ARWRL Datasheet(PDF) 61 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 61 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 57Page - Analog Devices ADE7758ARWRL Datasheet HTML 58Page - Analog Devices ADE7758ARWRL Datasheet HTML 59Page - Analog Devices ADE7758ARWRL Datasheet HTML 60Page - Analog Devices ADE7758ARWRL Datasheet HTML 61Page - Analog Devices ADE7758ARWRL Datasheet HTML 62Page - Analog Devices ADE7758ARWRL Datasheet HTML 63Page - Analog Devices ADE7758ARWRL Datasheet HTML 64Page - Analog Devices ADE7758ARWRL Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
ADE7758
Rev. A | Page 61 of 68
Address
[A6:A0]
Name
R/W1
Length
Default
Value
Description
0x47
VARCFNUM
R/W
16
0
Reactive Power CF Scaling Numerator Register. The content of this register is
used in the numerator of the VARCF output scaling. Bits [15:13] indicate reverse
polarity reactive power measurement for Phase A, Phase B, and Phase C in order,
i.e., Bit 15 is Phase A, Bit 14 is Phase B, and so on.
0x48
VARCFDEN
R/W
12
0x3F
Reactive Power CF Scaling Denominator Register. The content of this register is
used in the denominator of the VARCF output scaling.
0x49 to
0x7D
RESERVED
−
−
−
Reserved.
0x7E
CHKSUM
R
8
−
Checksum Register. The content of this register represents the sum of all the
ones in the last register read from the SPI port.
0x7F
VERSION
R
8
−
Version of the Die.
1 R/W: Read/write capability of the register. R: Read-only register. R/W: Register that can be both read and written.
OPERATIONAL MODE REGISTER (0x13)
The general configuration of the ADE7758 is defined by writing to the OPMODE register. Table 14 summarizes the functionality of each
bit in the OPMODE register.
Table 14. OPMODE Register
Bit
Location
Bit
Mnemonic
Default
Value
Description
0
DISHPF
0
The HPFs (high-pass filter) in all current channel inputs are disabled when this bit is set.
1
DISLPF
0
The LPFs (low-pass filter) in all current channel inputs are disabled when this bit is set.
2
DISCF
1
The frequency outputs APCF and VARCF are disabled when this bit is set.
3 to 5
DISMOD
0
By setting these bits, ADE7758’s ADCs can be turned off. In normal operation, these bits should be
left at Logic 0.
DISMOD[2:0]
Description
0
0
0
Normal operation.
1
0
0
Redirect the voltage inputs to the signal paths for the current channels
and the current inputs to the signal paths for the voltage channels.
0
0
1
Switch off only the current channel ADCs.
1
0
1
Switch off current channel ADCs and redirect the current input signals
to the voltage channel signal paths.
0
1
0
Switch off only the voltage channel ADCs.
1
1
0
Switch off voltage channel ADCs and redirect the voltage input signals
to the current channel signal paths.
0
1
1
Put the ADE7758 in sleep mode.
1
1
1
Put the ADE7758 in power-down mode.
6
SWRST
0
Software Chip Reset. A data transfer to the ADE7758 should not take place for at least 18 µs after a
software reset.
7
RESERVED
0
This should be left at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com