Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 3Page - Infineon Technologies AG TLE8088EM Datasheet HTML 4Page - Infineon Technologies AG TLE8088EM Datasheet HTML 5Page - Infineon Technologies AG TLE8088EM Datasheet HTML 6Page - Infineon Technologies AG TLE8088EM Datasheet HTML 7Page - Infineon Technologies AG TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLE 8088 EM
General Product Characteristics
Data Sheet
7
Rev 1.0, 2012-10-01
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified)
1) Not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Continuous Voltage on pin Vs
V
S
-0.3
40
V
4.1.2
Continuous Voltage on pin OUT1
V
OUT1
-0.3
30
V
IN1=0V
4.1.3
Continuous Voltage on pin OUT2, KIO
V
OUT2, KIO
-0.3
35
V
IN2=0V
TX=V5DD
4.1.4
IN1, IN2, V5DD, RxD, TxD, ST, NRO,
WDI, WDE
V
x
-0.3
5.5
V
2)
2) For outputs no short circuit is allowed
Temperatures
4.1.5
Junction Temperature
T
j
-40
150
°C–
4.1.6
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.7
ESD Resistivity to GND, Vs, K-LINE,
OUT1,2
V
ESD
-4
4
kV
HBM3)
3) ESD susceptibility, HBM according to EIA/JESD 22-A114B (1.5KOhm, 100pF)
4.1.8
ESD Resistivity to GND, other pins
V
ESD
-2
2
kV
HBM3)
4.1.9
Electro Static Discharge Voltage
“Charged Device Model - CDM”
V
ESD
-500
500
V
All Pins
CDM4)
4) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101-C
4.1.10
Electro Static Discharge Voltage
“Charged Device Model - CDM”
V
ESD
-750
750
V
Pin 1, 12, 13,
24 (corner
pins)
CDM4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com