Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG TLE8088EM Datasheet HTML 18Page - Infineon Technologies AG TLE8088EM Datasheet HTML 19Page - Infineon Technologies AG TLE8088EM Datasheet HTML 20Page - Infineon Technologies AG TLE8088EM Datasheet HTML 21Page - Infineon Technologies AG TLE8088EM Datasheet HTML 22Page - Infineon Technologies AG TLE8088EM Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
19
Rev 1.0, 2012-10-01
TLE 8088 EM
K-Line
Electrical Characteristics: K-Line
Table 2
Electrical Characteristics: K-Line
V
S = 13.5 V, Tj = -40 °C to +150 °C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Output RX
7.1.1
Low Level Output Voltage
V
RX,L
––
0.4
V
I
RX=100μA
7.1.2
High Level Output Voltage
V
RX,H
V
5DD-
0.4
––
V
I
RX=-100μA
Input TX
7.1.3
Input Pin Low level
V
TX,L
–1.00
V
–
7.1.4
Input Pin High level
V
TX,H
3.20
–
V
–
7.1.5
Input Pin Hysteresis
V
TX,HYS
280
500
700
mV
1)
1) Not subject to production test, specified by design.
7.1.6
Input Pin Pull Up Current
I
IN_PU
-70
–
-150
µA
VTX=0
KIO input / Output
7.1.7
Low Level Output Voltage
V
KIO,L
––
1.4
V
TX=low,
R
KIO=480Ω
7.1.8
Current Limitation
I
KIO(lim)
40
–
140
mA
7.1.9
Output Pull-Down current
I
KIO,PD
5–
15
µA
TX=high
KIO Input Comparator
7.1.10 Input Low Voltage
V
IN_L
–
–
0.4*
V
s
V–
7.1.11 Input High Voltage
V
IN_H
0.6*
V
s
––
V
–
7.1.12 Input Threshold Hysteresis
V
IN_Hys
0.02*
V
s –0.175*
V
s
V–
Transfer characteristics KIO->RX and TX->KIO
CRX=25pF; RKIO=540
Ω; CKIO<=1.3nF; Vs=13.5V
7.1.13 Transmission Frequency KIO->RX
f
RKIO
––
500
kHz
C
KIO=0pF
7.1.14 Transmission Frequency TX->KIO
f
TKIO
––
100
kHz
–
7.1.15 Off Delay / Rise Time
KIO->RX
t
drR
0.05
–
0.5
µs
C
RX,load=1.6pF
2)
2) For definition see Figure 12
7.1.16 Off Delay / Rise time
TX->KIO
t
drT
0.05
–
0.5
µs
C
KIO,load=1.6pF
1) 2)
7.1.17 On Delay / Fall time
KIO->RX
t
dfR
0.05
–
0.5
µs
C
RX,load=1.6pF
2)
7.1.18 On Delay / Fall time
TX->KIO
t
dfT
0.05
–
0.5
µs
C
KIO,load=1.6pF
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com