Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 5Page - Infineon Technologies AG TLE8088EM Datasheet HTML 6Page - Infineon Technologies AG TLE8088EM Datasheet HTML 7Page - Infineon Technologies AG TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
9
Rev 1.0, 2012-10-01
TLE 8088 EM
Voltage Regulator
5
Voltage Regulator
5.1
Voltage Regulator
The TLE8088EM integrates a voltage regulator for load currents up to 250mA. The voltage applied to pin VS is
regulated at pin V5DD to 5.0 V with a precision of
±2%. The sophisticated design allows to achieve stable
operation even with ceramic output capacitors down to 470nF. The voltage regulator features under-voltage reset,
power on reset and watchdog. It is protected against over-current, short circuit and over temperature conditions.
The low-side switch function and the K-line transceiver are independent of the reset and watchdog signals.
Figure 3
5V Supply
5.2
Power On Reset and Reset Output
Reset output is an open drain output. When the level of
V
V5DD reaches the reset threshold VRT, the signal at NRO
remains low for the power-on reset delay time
T
RD. The reset function and timing is illustrated in Figure 4. The
reset reaction time
t
RR avoids wrong triggering caused by short “glitches” on the V5DD-line. In case of V5DD power
down (
V
V5DD < VRT for t > tRR) a logic low signal is generated at the pin NRO to reset an external micro controller.
The level of the reset threshold for increasing
V
V5DD is for the hysteresis (VRH) higher than the level for decreasing
V
V5DD.
The reset and watchdog signals are for external use and do not affect the state of the channels and K-line
transceiver. The correct functionality of the devices is ensured by an independent voltage monitoring circuitry.
+
-
Vref
V5DD
VS
e.g. µC
IV5DD
IVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com