Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG TLE8088EM Datasheet HTML 18Page - Infineon Technologies AG TLE8088EM Datasheet HTML 19Page - Infineon Technologies AG TLE8088EM Datasheet HTML 20Page - Infineon Technologies AG TLE8088EM Datasheet HTML 21Page - Infineon Technologies AG TLE8088EM Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
18
Rev 1.0, 2012-10-01
TLE 8088 EM
K-Line
7K-Line
7.1
K-Line
The K-Line module is a serial link bus interface device designed to provide bi-directional half-duplex
communication interfacing. It is designed to interface between the vehicles via the special ISO K-line and meets
the ISO norm 9141 specification. The device's K line bus driver's output is protected against bus shorts.
K-Line module transforms 5.0V micro-controller logic signals to battery level logic signals and vice versa. The over
current limitation limits the current to a specified limit. In case of over-temperature on OUT1 the low-side switch
and the output stage KIO will be switched off and can only be re-activated if the temperature has decreased below
the minimum hysteresis value.
.
Figure 11
K-Line
VS
V5DD
RX
TX
KIO
Driver &
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com