Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
12
Rev 1.0, 2012-10-01
TLE 8088 EM
Voltage Regulator
Electrical Characteristics: Voltage Regulator
V
S = 13.5 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output V5DD
5.3.1
Output Voltage
V
V5DD
4.90
5.00
5.10
V
0mA <
I
V5DD < 150mA
6V <
V
s < 18V
5.3.2
Output Voltage
V
V5DD
4.90
5.00
5.10
V
0mA <
I
V5DD < 250mA
6V <
V
s < 18V
1)
5.3.3
Output Current Limitation
I
V5DD
250
–
650
mA
V
V5DD = 0V,
6V <
V
s < 18V
5.3.4
Load Regulation
ΔV
V5DD,Lo
–
–
20
mV
1 mA <
I
V5DD < 150mA
5.3.4a
Load Regulation
ΔV
V5DD,Lo
–
–
50
mV
1 mA <
I
V5DD < 250mA
1)
5.3.5
Line Regulation
ΔV
V5DD,Li
––
10
mV
I
V5DD = 1 mA;
10 V <
V
s < 18V
5.3.6
Power Supply Rejection Ratio
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
1)
5.3.7
Output Capacitor
C
Q
470
–
–
nF
1)
ESR(C
Q)
––
10
Ω
5.3.8
Low Drop Voltage
V
V5DD
4.80
–
–
V
I
V5DD = 1mA
V
S =5V
5.3.9
4.40
–
–
V
I
V5DD = 150mA
V
S =5V;
after device ramp-up
(
V
S >9V)
5.3.9a
4.15
–
–
V
I
V5DD = 250mA
V
S =5V;
after device ramp-up
(
V
S >9V)
1)
Current Consumption
5.3.10
Quiescent Current
I
q
––
4mA
I
V5DD = 0A; CH1,CH2
off, K-Line off
WDE
5.3.11
Low Level Input Voltage
V
IN,L
–
–
1.00
V
–
5.3.12
High Level Input Voltage
V
IN,H
2.00
–
–
V
–
5.3.13
Hysteresis WDE
V
IN,HYS
50
–
250
mV
1)
5.3.14
Input Pull Up Current
I
IN_PU_L
-20
-50
-100
µA
V
IN =0V
I
IN_PU_H
-2.40
–
–
µA
V
IN =4.4V
Watchdog Input WDI
5.3.15
Low Level Input Voltage
V
IN,L
–
–
1.00
V
5.3.16
High Level Input Voltage
V
IN,H
2.00
–
–
V
5.3.17
Input Voltage Hysteresis
V
IN,HYS
50
–
250
mV
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com