Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 6Page - Infineon Technologies AG TLE8088EM Datasheet HTML 7Page - Infineon Technologies AG TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
10
Rev 1.0, 2012-10-01
TLE 8088 EM
Voltage Regulator
Figure 4
Reset Function and Timing Diagram
5.3
Watchdog Operation
After power on, the reset output signal at the NRO pin is kept LOW for the power-on reset delay time
T
RD of typ.
15ms. With the LOW to HIGH transition of the signal at NRO the micro controller reset is released.
The TLE8088EM integrates a watchdog function. If WDE is connected to low, the watchdog function is disabled.
If the WDE is connected to 5V or left open, the watchdog function is enabled. A pull up current source is integrated
in the WDE pin.
After the activation of the watchdog function, the timing of the signal on WDI from the micro-controller must
correspond the WD-Period
T
WD,p specified in the electrical characteristics. A Re-Trigger of the WD-Period is done
with a HIGH-to-LOW transition at the WDI-pin within the time
T
WD,p.
A HIGH to LOW transition of the watchdog trigger signal on pin WDI is taken as a trigger. To avoid wrong triggering
due to parasitic glitches two HIGH samples followed by two LOW samples (sample period
t
sam typ. 64μs ) are
decoded as a valid trigger, see Figure 6. A reset is generated (NRO goes LOW) for the time
T
WR if there is no
trigger pulse during the Watchdog Period as shown in Figure 5.
Vs
t
VV5DD
t
VRT
<
tRR
VNRO
t
VNRO_H
TRD
tRR
tRR
VNRO_L
TRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com