Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG TLE8088EM Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
14
Rev 1.0, 2012-10-01
TLE 8088 EM
Power Drivers
6
Power Drivers
6.1
Low-Side Drivers
The power stages are built by N-channel power MOSFET transistors. The channels are universal multi channel
switches but mostly suitable to be used in Engine Management Systems. Within an Engine Management System,
the best fit of the channels to the typical loads is:
•
Channel 1 for injector, valves or similar sized solenoids with a maximum operation current requirement of 2.6A
•
Channel 2 for malfunction indication lamps or other resistive loads with a maximum current requirement of 3A
Figure 7
Low-side Switches
Channel 1 has open load detection in off state. If an open load condition persists for a time longer than the filter
time
t
d, an open load will be detected and the ST pin set to low. On the rising edge of the IN1 signal the ST pin will
be released after the time
t
ST,clear , see Figure 9.
In over-current situation channel 1 will be switched off and kept latched. Additionally the ST signal will be set to
low after the settling time
t
ST,set,OC. On the falling edge of the IN1 signal the ST pin will be released after the time
t
ST,clear , see Figure 10. Therefore channel 1 can be switched on again by toggling the IN1 pin.
During an over-temperature event the ST signal is set to low and will turn back to high if the failure condition is
disappeared (see Table 1).
In over-current situation the channel 2 will be switched off, and after typ. 4ms the channel will be switched on
again. Channel 2 is also over-temperature protected. In over-temperature situation channel 2 will be switched off
and will restart if the junction temperature falls by thermal shutdown hysteresis
T
OTH.
Table 1
Truth Table for Diagnostics of CH1
Open Load
Over Current
Over Temperature
ST
Status
0
0
0
1
Normal operation
1
x
x
0
Failure detected
x
1
x
0
Failure detected and latched
Channel 1 is switched off
x
x
1
0
Failure detected and channel 1 is
switched off
Failure Situation
ST
0 = Situation doesn’t exist 1 = Normal operation
1 = Situation exists
0 = Failure detected
X = 0 or 1
Vbat
ID
V DScl
OUT
V
DS
GND
L,
RL
Vbat
ID
OUT
V
DS
GND
R
Channel 1
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com