Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8088EM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG TLE8088EM Datasheet HTML 10Page - Infineon Technologies AG TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
13
Rev 1.0, 2012-10-01
TLE 8088 EM
Voltage Regulator
5.3.18
Input Pull Down Current
I
IN_PD_H
20
50
100
µA
V
IN =5V
I
IN_PD_L
2.40
–
–
µA
V
IN =0.6V
5.3.19
Watchdog Sampling Time
t
sam
40
64
130
µs
5.3.20
Watchdog Period
T
WD,p
50
60
70
ms
5.3.21
Watchdog Reset Time
T
WR
120
240
360
µs
Reset Output NRO
5.3.22
Output Voltage Reset Switching
Threshold
V
RT
4.00
4.25
4.50
V
V
V5DD decreasing
5.3.23
Reset Hysteresis
V
RH
10
–
150
mV
5.3.24
Low Level Output Voltage
V
NRO,L
–
–
1.10
V
I
NRO=1mA
5.3.25
Leakage Current
I
NRO,LK
––
1µA
V
RT = 5V
5.3.26
Power-on Reset Delay Time
T
RD
10
15
20
ms
5.3.27
Reset Reaction Time
t
RR
14
8µs
–
Over Temperature Protection
5.3.28
Over-temperature
T
OT
150
–
200
°C
1)
5.3.29
Over-temperature Hysteresis
T
OTH
–20
–
°C
1)
1) Not subject to production test, specified by design.
Electrical Characteristics: Voltage Regulator (cont’d)
V
S = 13.5 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com