Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 9Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 10Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 11Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 12Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 13Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 15Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
13/53
M28W320ECT, M28W320ECB
During Program/Erase Suspend the Command In-
terface will accept the Program/Erase Resume,
Read Array, Read Status Register, Read Electron-
ic Signature and Read CFI Query commands. Ad-
ditionally, if the suspend operation was Erase then
the Program, Double Word Program, Quadruple
Word Program, Block Lock, Block Lock-Down or
Protection Program commands will also be ac-
cepted. The block being erased may be protected
by issuing the Block Protect, Block Lock or Protec-
tion Program commands. When the Program/
Erase Resume command is issued the operation
will complete. Only the blocks not being erased
may be read or programmed correctly.
During a Program/Erase Suspend, the device can
be placed in a pseudo-standby mode by taking
Chip Enable to VIH. Program/Erase is aborted if
Reset turns to VIL.
See Appendix C, Figure 20, Program or Double
Word Program Suspend & Resume Flowchart and
Pseudo Code, and Figure 22, Erase Suspend &
Resume Flowchart and Pseudo Code for flow-
charts for using the Program/Erase Suspend com-
mand.
Program/Erase Resume Command
The Program/Erase Resume command can be
used to restart the Program/Erase Controller after
a Program/Erase Suspend operation has paused
it. One Bus Write cycle is required to issue the
command. Once the command is issued subse-
quent Bus Read operations read the Status Reg-
ister.
See Appendix C, Figure 20, Program or Double
Word Program Suspend & Resume Flowchart and
Pseudo Code, and Figure 22, Erase Suspend &
Resume Flowchart and Pseudo Code for flow-
charts for using the Program/Erase Resume com-
mand.
Protection Register Program Command
The Protection Register Program command is
used to Program the 128 bit user One-Time-Pro-
grammable (OTP) segment of the Protection Reg-
ister. The segment is programmed 16 bits at a
time. When shipped all bits in the segment are set
to ‘1’. The user can only program the bits to ‘0’.
Two write cycles are required to issue the Protec-
tion Register Program command.
s
The first bus cycle sets up the Protection
Register Program command.
s
The second latches the Address and the Data to
be written to the Protection Register and starts
the Program/Erase Controller.
Read operations output the Status Register con-
tent after the programming has started.
The segment can be protected by programming bit
1 of the Protection Lock Register (see Figure 6,
Protection Register Memory Map). Attempting to
program a previously protected Protection Regis-
ter will result in a Status Register error. The pro-
tection of the Protection Register is not reversible.
The Protection Register Program cannot be sus-
pended.
Block Lock Command
The Block Lock command is used to lock a block
and prevent Program or Erase operations from
changing the data in it. All blocks are locked at
power-up or reset.
Two Bus Write cycles are required to issue the
Block Lock command.
s
The first bus cycle sets up the Block Lock
command.
s
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table. 10 shows the protection status after issuing
a Block Lock command.
The Block Lock bits are volatile, once set they re-
main set until a hardware reset or power-down/
power-up. They are cleared by a Blocks Unlock
command. Refer to the section, Block Locking, for
a detailed explanation.
Block Unlock Command
The Blocks Unlock command is used to unlock a
block, allowing the block to be programmed or
erased. Two Bus Write cycles are required to is-
sue the Blocks Unlock command.
s
The first bus cycle sets up the Block Unlock
command.
s
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table. 10 shows the protection status after issuing
a Block Unlock command. Refer to the section,
Block Locking, for a detailed explanation.
Block Lock-Down Command
A locked block cannot be Programmed or Erased,
or have its protection status changed when WP is
low, VIL. When WP is high, VIH, the Lock-Down
function is disabled and the locked blocks can be
individually unlocked by the Block Unlock com-
mand.
Two Bus Write cycles are required to issue the
Block Lock-Down command.
s
The first bus cycle sets up the Block Lock
command.
s
The second Bus Write cycle latches the block
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com