Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 29 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 25Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 26Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 27Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29/53
M28W320ECT, M28W320ECB
Figure 12. Power-Up and Reset AC Waveforms
Table 19. Power-Up and Reset AC Characteristics
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 100ns.
2. Sampled only, not 100% tested.
3. It is important to assert RP in order to allow proper CPU initialization during power up or reset.
Symbol
Parameter
Test Condition
M28W320EC
Unit
70
85
90
10
tPHWL
tPHEL
tPHGL
Reset High to Write Enable Low, Chip
Enable Low, Output Enable Low
During
Program
and Erase
Min
50
50
50
50
µs
others
Min
30
30
30
30
ns
tPLPH
(1,2)
Reset Low to Reset High
Min
100
100
100
100
ns
tVDHPH
(3)
Supply Voltages High to Reset High
Min
50
50
50
50
µs
AI03537b
W,
RP
tPHWL
tPHEL
tPHGL
E, G
VDD, VDDQ
tVDHPH
tPHWL
tPHEL
tPHGL
tPLPH
Power-Up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com