Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 51 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 45Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 46Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 47Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 48Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 49Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 50Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 51Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 52Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
51/53
M28W320ECT, M28W320ECB
Table 33. Write State Machine Current/Next, sheet 2 of 2.
Note: Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Current State
Command Input (and Next State)
Read Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock Confirm
(01h)
Lock Down
Confirm (2Fh)
Unlock
Confirm
(D0h)
Read Array
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Status
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Elect.Sg.
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read CFI Query Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock Setup
Lock Command Error
Lock (complete)
Lock Cmd Error
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock (complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prot. Prog.
Setup
Protection Register Program
Prot. Prog.
(continue)
Protection Register Program (continue)
Prot. Prog.
(complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prog. Setup
Program
Program
(continue)
Program (continue)
Prog. Suspend
Read Status
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Array
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read CFI
Prog. Suspend
Read Elect.Sg.
Prog. Suspend
Read CFI Query
Program Suspend Read Array
Program
(continue)
Program
(complete)
Read Elect.Sg.
Read CFIQuery
Lock Setup
Prot. Prog.
Setup
Read Array
Erase Setup
Erase Command Error
Erase
(continue)
Erase
Cmd.Error
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array
Erase (continue)
Erase (continue)
Erase Suspend
Read Ststus
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read Array
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase Suspend
Read CFI Query
Erase Suspend
Read Elect.Sg.
Erase Suspend
Read CFI Query
Lock Setup
Erase Suspend Read Array
Erase
(continue)
Erase
(complete)
Read Elect.Sg.
Read CFI Query
Lock Setup
Prot. Prog.
Setup
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com