Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 30 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 26Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 27Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 30Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 31Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 33Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
M28W320ECT, M28W320ECB
30/53
PACKAGE MECHANICAL
Figure 13. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Outline
Note: Drawing is not to scale.
Table 20. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.0472
A1
0.05
0.15
0.0020
0.0059
A2
0.95
1.05
0.0374
0.0413
B
0.17
0.27
0.0067
0.0106
C
0.10
0.21
0.0039
0.0083
D
19.80
20.20
0.7795
0.7953
D1
18.30
18.50
0.7205
0.7283
E
11.90
12.10
0.4685
0.4764
e
0.50
–
–
0.0197
–
–
L
0.50
0.70
0.0197
0.0279
α
0°
5°
0°
5°
N48
48
CP
0.10
0.0039
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com