Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 26 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 24Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 25Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 26Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 27Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 28Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 29Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
M28W320ECT, M28W320ECB
26/53
Table 17. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. Applicable if VPP is seen as a logic input (VPP < 3.6V).
Symbol
Alt
Parameter
M28W320EC
Unit
70
85
90
10
tAVAV
tWC
Write Cycle Time
Min
70
85
90
100
ns
tAVWH
tAS
Address Valid to Write Enable High
Min
45
45
50
50
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
45
45
50
50
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
0
0
ns
tELQV
Chip Enable Low to Output Valid
Min
70
85
90
100
ns
tQVVPL
(1,2)
Output Valid to VPP Low
Min
0
0
0
0
ns
tQVWPL
Output Valid to Write Protect Low
Min
0
0
0
0
ns
tVPHWH
(1)
tVPS
VPP High to Write Enable High
Min
200
200
200
200
ns
tWHAX
tAH
Write Enable High to Address Transition
Min
0
0
0
0
ns
tWHDX
tDH
Write Enable High to Data Transition
Min
0
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
0
0
ns
tWHEL
Write Enable High to Chip Enable Low
Min
25
25
30
30
ns
tWHGL
Write Enable High to Output Enable Low
Min
20
20
30
30
ns
tWHWL
tWPH Write Enable High to Write Enable Low
Min
25
25
30
30
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45
45
50
50
ns
tWPHWH
Write Protect High to Write Enable High
Min
45
45
50
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com