Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 15Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 17Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
M28W320ECT, M28W320ECB
18/53
Table 9. Block Lock Status
Table 10. Protection Status
Note: 1. The lock status is defined by the write protect pin and by DQ1 (‘1’ for a locked-down block) and DQ0 (‘1’ for a locked block) as read
in the Read Electronic Signature command with A1 = VIH and A0 = VIL.
2. All blocks are locked at power-up, so the default configuration is 001 or 101 according to WP status.
3. A WP transition to VIH on a locked block will restore the previous DQ0 value, giving a 111 or 110.
Item
Address
Data
Block Lock Configuration
xx002
LOCK
Block is Unlocked
DQ0=0
Block is Locked
DQ0=1
Block is Locked-Down
DQ1=1
Current
Protection Status(1)
(WP, DQ1, DQ0)
Next Protection Status(1)
(WP, DQ1, DQ0)
Current State
Program/Erase
Allowed
After
Block Lock
Command
After
Block Unlock
Command
After Block
Lock-Down
Command
After
WP transition
1,0,0
yes
1,0,1
1,0,0
1,1,1
0,0,0
1,0,1(2)
no
1,0,1
1,0,0
1,1,1
0,0,1
1,1,0
yes
1,1,1
1,1,0
1,1,1
0,1,1
1,1,1
no
1,1,1
1,1,0
1,1,1
0,1,1
0,0,0
yes
0,0,1
0,0,0
0,1,1
1,0,0
0,0,1(2)
no
0,0,1
0,0,0
0,1,1
1,0,1
0,1,1
no
0,1,1
0,1,1
0,1,1
1,1,1 or 1,1,0 (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com