Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 20 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 17Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
M28W320ECT, M28W320ECB
20/53
gram/Erase Controller Status bit is High (Program/
Erase Controller inactive). Bit 2 is set within 5µs of
the Program/Erase Suspend command being is-
sued therefore the memory may still complete the
operation rather than entering the Suspend mode.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns Low.
Block Protection Status (Bit 1). The Block Pro-
tection Status bit can be used to identify if a Pro-
gram or Erase operation has tried to modify the
contents of a locked block.
When the Block Protection Status bit is High (set
to ‘1’), a Program or Erase operation has been at-
tempted on a locked block.
Once set High, the Block Protection Status bit can
only be reset Low by a Clear Status Register com-
mand or a hardware reset. If set High it should be
reset before a new command is issued, otherwise
the
new
command
will
appear
to
fail.
Reserved (Bit 0). Bit 0 of the Status Register is
reserved. Its value must be masked.
Note: Refer to Appendix C, Flowcharts and
Pseudo Codes, for using the Status Register.
Table 11. Status Register Bits
Note: Logic level ’1’ is High, ’0’ is Low.
Bit
Name
Logic Level
Definition
7
P/E.C. Status
’1’
Ready
’0’
Busy
6
Erase Suspend Status
’1’
Suspended
’0’
In progress or Completed
5
Erase Status
’1’
Erase Error
’0’
Erase Success
4
Program Status
’1’
Program Error
’0’
Program Success
3
VPP Status
’1’
VPP Invalid, Abort
’0’
VPP OK
2
Program Suspend Status
’1’
Suspended
’0’
In Progress or Completed
1
Block Protection Status
’1’
Program/Erase on protected Block, Abort
’0’
No operation to protected blocks
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com