Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320ECT70ZB1T Datasheet(PDF) 22 Page - STMicroelectronics

Part # M28W320ECT70ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT70ZB1T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M28W320ECT70ZB1T Datasheet HTML 18Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 19Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 20Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 21Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 22Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 23Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 24Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 25Page - STMicroelectronics M28W320ECT70ZB1T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
M28W320ECT, M28W320ECB
22/53
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC characteristics Tables that follow, are de-
rived from tests performed under the Measure-
ment
Conditions
summarized
in
Table
13,
Operating and AC Measurement Conditions. De-
signers should check that the operating conditions
in their circuit match the measurement conditions
when relying on the quoted parameters.
Table 13. Operating and AC Measurement Conditions
Figure 7. AC Measurement I/O Waveform
Figure 8. AC Measurement Load Circuit
Table 14. Capacitance
Note: Sampled only, not 100% tested.
M28W320ECT, M28W320ECB
Parameter
70
85
90
10
Units
Min
Max
Min
Max
Min
Max
Min
Max
VDD Supply Voltage
2.7
3.6
2.7
3.6
2.7
3.6
2.7
3.6
V
VDDQ Supply Voltage (VDDQ ≤
VDD)
2.7
3.6
2.7
3.6
2.7
3.6
1.65
3.6
V
Ambient Operating Temperature
– 40
85
– 40
85
– 40
85
– 40
85
°C
Load Capacitance (CL)
50
50
50
50
pF
Input Rise and Fall Times
5
5
5
5
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref.
Voltages
VDDQ/2
VDDQ/2
VDDQ/2
VDDQ/2
V
AI00610
VDDQ
0V
VDDQ/2
AI00609C
VDDQ
CL
CL includes JIG capacitance
25k
Ω
DEVICE
UNDER
TEST
0.1µF
VDD
0.1µF
VDDQ
25k
Ω
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com