Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 47Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
ADT7476A
www.onsemi.com
45
Table 48. THERM LIMIT REGISTERS
Register
Description
Default
0x6A
Remote 1 THERM Limit
0x64 (100
°C)
0x6B
Local THERM Limit
0x64 (100
°C)
0x6C
Remote 2 THERM Limit
0x64 (100
°C)
THERM Hysteresis
THERM hysteresis on a particular channel is configured
via
the
hysteresis
settings
(Register 0x6D
and
Register 0x6E). For example, setting hysteresis on the
Remote 1 channel also sets the hysteresis on Remote 1
THERM.
Hysteresis Registers
Register 0x6D, Remote 1, Local Temperature Hysteresis
[7:4], Remote 1 temperature hysteresis (4
°C default).
[3:0], Local temperature hysteresis (4
°C default).
Register 0x6E, Remote 2 Temperature Hysteresis
[7:4], Remote 2 temperature hysteresis (4
°C default).
Because each hysteresis setting is four bits, hysteresis
values are programmable from 1
°C to 15°C. It is not
recommended to program hysteresis values to 0
°C, because
this disables hysteresis. In effect, this causes the fans to cycle
(during a THERM event) between normal speed and 100%
speed, or, while operating close to TMIN, between normal
speed and off, creating unsettling acoustic noise.
Figure 64. How TTHERM Relates to Automatic Fan Control
THERMAL CALIBRATION
REMOTE1 =
AMBIENT TEMP
100%
0%
TMIN
TRANGE
PWM
MIN
MUX
S
TACHOMETER1
MEASUREMENT
S
S
PWM
MIN
PWM
MIN
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
LOCAL =
VRM TEMP
REMOTE2 =
CPU TEMP
TACHOMETER2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
TACHOMETER3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
GENERATOR
PWM1
PWM2
PWM3
TACH3
TACH2
TACH1
CPU FAN SINK
FRONT CHASSIS
REAR CHASSIS
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
CONFIG
PWM
GENERATOR
PWM
CONFIG
PWM
GENERATOR
TMIN
100%
0%
TTHERM
TRANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com