Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 64 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 64 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 65Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 66Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 67Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
ADT7476A
www.onsemi.com
64
Table 79. REGISTER 0x75 − INTERRUPT MASK REGISTER 2 (POWER-ON DEFAULT [7:0] = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
12 V/VC
R/W
When Pin 21 is configured as a 12 V input, 12 V/VC = 1 masks SMBALERT for out-of-limit
conditions on the 12 V channel. When Pin 21 is programmed as VID5, this bit masks an
SMBALERT, if the VID5 VID code bit changes.
[1]
OVT
R/W
OVT = 1 masks SMBALERT for overtemperature THERM conditions.
[2]
FAN1
R/W
FAN1 = 1 masks SMBALERT for a Fan 1 fault.
[3]
FAN2
R/W
FAN2 = 1 masks SMBALERT for a Fan 2 fault.
[4]
FAN3
R/W
FAN3 = 1 masks SMBALERT for a Fan 3 fault.
[5]
F4P
R/W
If Pin 14 is configured as TACH4, F4P = 1 masks SMBALERT for a Fan 4 fault. If Pin 14 is
configured as THERM, F4P = 1 masks SMBALERT for an exceeded THERM timer limit. If
Pin 14 is configured as GPIO, F4P = 1 masks SMBALERT when GPIO is an input and GPIO
is asserted.
[6]
D1
R/W
D1 = 1 masks SMBALERT for a diode open or short on a Remote 1 channel.
[7]
D2
R/W
D2 = 1 masks SMBALERT for a diode open or short on a Remote 2 channel.
Table 80. REGISTER 0x76 − EXTENDED RESOLUTION REGISTER 1 (POWER-ON DEFAULT [7:0] = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[1:0]
2.5 V
Read-only
2.5 V LSBs. Holds the 2 LSBs of the 10-bit 2.5 V measurement.
[3:2]
VCCP
Read-only
VCCP LSBs. Holds the 2 LSBs of the 10-bit VCCP measurement.
[5:4]
VCC
Read-only
VCC LSBs. Holds the 2 LSBs of the 10-bit VCC measurement.
[7:6]
5.0 V
Read-only
5.0 V LSBs. Holds the 2 LSBs of the 10-bit 5.0 V measurement.
1. If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Table 81. REGISTER 0x77 − EXTENDED RESOLUTION REGISTER 2 (POWER-ON DEFAULT [7:0] = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[1:0]
12 V
Read-only
12 V LSBs. Holds the 2 LSBs of the 10-bit 12 V measurement.
[3:2]
TDM1
Read-only
Remote 1 temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 1 temperature
measurement.
[5:4]
LTMP
Read-only
Local temperature LSBs. Holds the 2 LSBs of the 10-bit local temperature measurement.
[7:6]
TDM2
Read-only
Remote 2 temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 2 temperature
measurement.
1. If this register is read, this register and the registers holding the MSB of each reading are frozen until read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com