Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 63 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 65Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 66Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
ADT7476A
www.onsemi.com
63
Table 77. REGISTER 0x73 − CONFIGURATION REGISTER 2 (POWER-ON DEFAULT = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
0
FanPresDT
R/W
When FanPresenceDT = 1, the state of Bits [3:1] of 0x73 reflects the presence of a 4-wire fan
on the appropriate TACH channel.
1
Fan1Detect
Read-only
Fan1Detect = 1 indicates that a 4-wire fan is connected to the TACH1 input.
2
Fan2Detect
Read-only
Fan2Detect = 1 indicates that a 4-wire fan is connected to the TACH2 input.
3
Fan3Detect
Read-only
Fan3Detect = 1 indicates that a 4-wire fan is connected to the TACH3 input.
4
AVG
R/W
AVG = 1 indicates that averaging on the temperature and voltage measurements is turned
off. This allows measurements on each channel to be made much faster (x16).
5
ATTN
R/W
ATTN = 1 indicates that the ADT7476A removes the attenuators from the +2.5 VIN, VCCP,
+5.0 VIN, and +12 VIN inputs. These inputs can be used for other functions such as
connecting up external sensors. It is also possible to remove attenuators from individual
channels using Bits [7:4] of Configuration Register 4 (0x7D).
6
CONV
R/W
CONV = 1 indicates that the ADT7476A is put into a single-channel ADC conversion mode.
In this mode, the ADT7476A can be made to read continuously from one input only, for
example, Remote 1 temperature. The appropriate ADC channel is selected by writing to
Bits [7:5] of TACH1 minimum high byte register (0x55).
Bits [7:5], Register 0x55
000
2.5 V
001
VCCP
010
VCC (3.3 V)
011
5.0 V
100
12 V
101
Remote 1 Temperature
110
Local Temperature
111
Remote 2 Temperature
7
Res
This bit is reserved and should not be changed.
1. This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 78. REGISTER 0x74 − INTERRUPT MASK REGISTER 1 (POWER-ON DEFAULT [7:0] = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
2.5 V/
THERM
R/W
2.5 V/THERM = 1 masks SMBALERT for out-of-limit conditions on the 2.5 V/THERM timer
channel.
[1]
VCCP
R/W
VCCP = 1 masks SMBALERT for out-of-limit conditions on the VCCP channel.
[2]
VCC
R/W
VCC = 1 masks SMBALERT for out-of-limit conditions on the VCC channel.
[3]
5.0 V
R/W
5.0 V = 1 masks SMBALERT for out-of-limit conditions on the 5.0 V channel.
[4]
R1T
R/W
R1T = 1 masks SMBALERT for out-of-limit conditions on the Remote 1 temperature channel.
[5]
LT
R/W
LT = 1 masks SMBALERT for out-of-limit conditions on the local temperature channel.
[6]
R2T
R/W
R2T = 1 masks SMBALERT for out-of-limit conditions on the Remote 2 temperature channel.
[7]
OOL
R/W
OOL = 0 when one or more alerts are generated in Interrupt Status Register 2, assuming all
the mask bits in the Interrupt Mask Register 2 (0x75) = 1, SMBALERT is still asserted.
OOL = 1 when one or more alerts are generated in Interrupt Status Register 2, assuming all
the mask bits in the Interrupt Mask Register 2 (0x75) = 1, SMBALERT is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com