Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 36Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 37Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 38Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 39Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 40Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
ADT7476A
www.onsemi.com
40
Step 3 − TMIN Settings for Thermal Calibration
Channels
TMIN is the temperature at which the fans start to turn on
under automatic fan control. The speed at which the fan runs
at TMIN is programmed later. The TMIN values chosen are
temperature channel specific, for example, 25
°C for
ambient channel, 30
°C for VRM temperature, and 40°C for
processor temperature.
TMIN is an 8-bit value, either twos complement or Offset
64, which can be programmed in 1
°C increments. A TMIN
register is associated with each temperature measurement
channel: Remote 1, local, and Remote 2 temperature. Once
the TMIN value is exceeded, the fan turns on and runs at the
minimum PWM duty cycle. The fan turns off once the
temperature has dropped below TMIN − THYST.
To overcome fan inertia, the fan is spun up until two valid
TACH rising edges are counted. See the Fan Startup
Timeout section for more details. In some cases, primarily
for psycho-acoustic reasons, it is desirable that the fan never
switch off below TMIN. Setting Bits [7:5] of Enhance
Acoustics Register 1 (0x62) keeps the fans running at the
PWM minimum duty cycle if the temperature should fall
below TMIN.
Table 44. TMIN REGISTERS
Register
Description
Default
0x67
Remote 1 Temperature TMIN
0x5A (90
°C)
0x68
Local Temperature TMIN
0x5A (90
°C)
0x69
Remote 2 Temperature TMIN
0x5A (90
°C)
Enhance Acoustics Register 1 (0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty
cycle below TMIN – THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty
cycle below TMIN – THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when
temperature is below TMIN – THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty
cycle below TMIN – THYST.
Figure 53. Understanding the TMIN Parameter
THERMAL CALIBRATION
REMOTE1 =
AMBIENT TEMP
100%
0%
TMIN
TRANGE
PWM
MIN
MUX
S
TACHOMETER1
MEASUREMENT
S
S
PWM
MIN
PWM
MIN
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
LOCAL =
VRM TEMP
REMOTE2 =
CPU TEMP
TACHOMETER2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
TACHOMETER3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
GENERATOR
PWM1
PWM2
PWM3
TACH3
TACH2
TACH1
CPU FAN SINK
FRONT CHASSIS
REAR CHASSIS
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
CONFIG
PWM
GENERATOR
PWM
CONFIG
PWM
GENERATOR
TMIN
100%
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com