Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 52 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 52 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 50Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 51Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 52Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 53Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 54Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
ADT7476A
www.onsemi.com
52
Table 49. ADT7476A REGISTERS (continued)
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x7A
R/W
THERM Timer
Limit
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
0x00
−
0x7B
R/W
TACH Pulses
per Revolution
FAN4
FAN4
FAN3
FAN3
FAN2
FAN2
FAN1
FAN1
0x55
−
0x7C
R/W
Configuration
Register 5
R2
THERM
Local
THERM
R1
THERM
VID/
GPIO
GPIO6P
GPIO6D
Temp
Offset
2sC
0x01
Yes
0x7D
R/W
Configuration
Register 4
BpAtt
12 V
BpAtt
5.0 V
BpAtt
VCCP
BpAtt
2.5 V
Max
Speed
on
THERM
THERM
Disable
PIN14
FUNC
PIN14
FUNC
0x00
Yes
0x7E
R
Test 1
DO NOT WRITE TO THESE REGISTERS
0x00
Yes
0x7F
R
Test 2
DO NOT WRITE TO THESE REGISTERS
0x00
Yes
Table 50. REGISTER 0x10 − CONFIGURATION REGISTER 6 (POWER-ON DEFAULT = 0x00) (Note 1 and 2)
Bit No.
Mnemonic
R/W
Description
[0]
SlowFan
Remote 1
R/W
When this bit is set, Fan 1 smoothing times are multiplied x4 for Remote 1 temperature
channel (as defined in Register 0x62).
[1]
SlowFan
Local
R/W
When this bit is set, Fan 2 smoothing times are multiplied x4 for local temperature channel
(as defined in Register 0x63).
[2]
SlowFan
Remote 2
R/W
When this bit is set, Fan 3 smoothing times are multiplied x4 for Remote 2 temperature
channel (as defined in Register 0x63).
[3]
THERM in
Manual
R/W
When this bit is set, THERM is enabled in manual mode. (Note 1)
[4]
SlaveEn
R/W
Setting this bit configures the ADT7476A as a slave for use in fan sync mode.
[5]
MasterEn
R/W
Setting this bit configures the ADT7476A as a master for use in fan sync mode.
[6]
VCCP Low
R/W
VCCPLow = 1. When the power is supplied from 3.3 V STANDBY and the core voltage (VCCP)
drops below its VCCP low limit value (Register 0x46), the following occurs:
Status Bit 1 in Interrupt Status Register 1 is set.
SMBALERT is generated, if enabled.
PROCHOT monitoring is disabled.
Everything is re-enabled once VCCP increases above the VCCP low limit.When VCCP increases
above the low limit:
PROCHOT monitoring is enabled.
Fans return to their programmed state after a spin-up cycle.
[7]
ExtraSlow
R/W
When this bit is set, all fan smoothing times are increased by a further 39.2%
1. A THERM event always overrides any fan setting (even when fans are disabled).
2. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to this register fail.
Table 51. REGISTER 0x11 − CONFIGURATION REGISTER 7 (POWER-ON DEFAULT = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[0]
DisTHERM
Hys
Read/Write
Setting This Bit to 1 Disables THERM Hysteresis
[7:1]
Reserved
N/A
Reserved. Do Not Write to These Bits
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com