Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 65 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 65Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 66Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 67Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 68Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 69Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
ADT7476A
www.onsemi.com
65
Table 82. REGISTER 0x78 − CONFIGURATION REGISTER 3 (POWER-ON DEFAULT = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[0]
ALERT
R/W
ALERT = 1, Pin 10 (PWM2/SMBALERT) is configured as an SMBALERT interrupt output to
indicate out-of-limit error conditions.
ALERT = 0, Pin 10 (PWM2/SMBALERT) is configured as the PWM2 output.
[1]
THERM/
2.5V
R/W
THERM = 1 enables THERM functionality on Pin 22 and Pin 14, if Pin 14 is configured as
THERM, determined by Bits 0 and 1 (PIN14FUNC) of Configuration Register 4. When THERM
is asserted, if the fans are running and the BOOST bit is set, then the fans run at full speed.
Alternatively, THERM can be programmed so that a timer is triggered to time how long THERM
has been asserted.
THERM = 0 enables 2.5V measurement on Pin 22 and disables THERM. If Bits [5:7] of
Configuration Register 5 are set, THERM is bidirectional. If they are 0, THERM is a timer input
only.
Pin14FUNC
THERM/2.5 V
Pin 22
Pin 14
00
01
10
11
00
01
10
11
0
0
0
0
1
1
1
1
+2.5 VIN
+2.5 VIN
+2.5 VIN
+2.5 VIN
THERM
+2.5 VIN
THERM
THERM
TACH4
THERM
SMBALERT
GPIO6
TACH4
THERM
SMBALERT
GPIO6
[2]
BOOST
R/W
When THERM is an input and BOOST = 1, assertion of THERM causes all fans to run at the
maximum programmed duty cycle for fail-safe cooling.
[3]
FAST
R/W
FAST = 1 enables fast TACH measurements on all channels. This increases the TACH
measurement rate from once per second to once every 250 ms (4x).
[4]
DC1
R/W
DC1 = 1 enables TACH measurements to be continuously made on TACH1. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc-driven
motors.
[5]
DC2
R/W
DC2 = 1 enables TACH measurements to be continuously made on TACH2. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc-driven
motors.
[6]
DC3
R/W
DC3 = 1 enables TACH measurements to be continuously made on TACH3. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc-driven
motors.
[7]
DC4
R/W
DC4 = 1 enables TACH measurements to be continuously made on TACH4. Fans must be
driven by dc. Setting this bit prevents pulse stretching because it is not required for dc-driven
motors.
1. This register become read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to to this register have no
effect.
Table 83. REGISTER 0x79 − THERM TIMER STATUS REGISTER (POWER-ON DEFAULT = 0x00)
Bit No.
Mnemonic
R/W
Description
[7:1]
TMR
Read-only
Times how long THERM input is asserted. These seven bits read 0 until the THERM
assertion time exceeds 45.52 ms.
[0]
ASRT/
TMR0
Read-only
This bit is set high on the assertion of the THERM input and is cleared on read. If the THERM
assertion time exceeds 45.52 ms, this bit is set and becomes the LSB of the 8-bit TMR
reading. This allows THERM assertion times from 45.52 ms to 5.82 sec to be reported back
with a resolution of 22.76 ms.
Table 84. REGISTER 0x7A − THERM TIMER LIMIT REGISTER (POWER-ON DEFAULT = 0x00)
Bit No.
Mnemonic
R/W
Description
[7:0]
LIMT
R/W
Sets maximum THERM assertion length allowed before an interrupt is generated. This is an
8-bit limit with a resolution of 22.76 ms allowing THERM assertion limits of 45.52 ms to
5.82 sec to be programmed. If the THERM assertion time exceeds this limit, Bit 5 (F4P) of
Interrupt Status Register 2 (0x42) is set. If the limit value is 0x00, an interrupt is generated
immediately on the assertion of the THERM input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com