Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 19Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 20Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 21Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
ADT7476A
www.onsemi.com
23
Note that:
• The SMBALERT output remains low for the entire
duration that a reading is out-of-limit and until the
status register has been read. This has implications on
how software handles the interrupt.
• THERM overtemperature events are not sticky. They
reset immediately after the overtemperature condition
ceases.
Handling SMBALERT Interrupts
To prevent the system from being tied up servicing
interrupts, it is recommend to handle the SMBALERT
interrupt as follows:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt
source.
4. Mask the interrupt source by setting the
appropriate mask bit in the interrupt mask registers
(0x74 and 0x75).
5. Take the appropriate action for a given interrupt
source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the
interrupt status bit has cleared, reset the
corresponding interrupt mask bit to 0. This causes
the SMBALERT output and status bits to behave
as shown in Figure 30.
Figure 30. How Masking the Interrupt Source Affects
SMBALERT Output
HIGH LIMIT
TEMPERATURE
“STICKY”
STATUS BIT
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
INTERRUPT MASK BIT
CLEARED
(SMBALERT RE-ARMED)
Masking Interrupt Sources
Interrupt Mask Register 1 (0x74) and Interrupt Mask
Register 2 (0x75) allow individual interrupt sources to be
masked to prevent SMBALERT interrupts.
NOTE: Masking an interrupt source prevents only the SMBALERT
output from being asserted; the appropriate status bit is set
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com