Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476AARQZ-R Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 20Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 21Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 27Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
ADT7476A
www.onsemi.com
24
Table 30. INTERRUPT MASK REGISTER 1 (0x74)
Bit
Mnemonic
Description
[7]
OOL
1 masks SMBALERT for any alert
condition flagged in Interrupt Status
Register 2.
[6]
R2T
1 masks SMBALERT for Remote 2
temperature.
[5]
LT
1 masks SMBALERT for Local
temperature.
[4]
R1T
1 masks SMBALERT for Remote 1
temperature.
[3]
5.0 V
1 masks SMBALERT for the 5.0 V
channel.
[2]
VCC
1 masks SMBALERT for the VCC
channel.
[1]
VCCP
1 masks SMBALERT for the VCCP
channel.
[0]
2.5 V
1 masks SMBALERT for the
2.5 VIN/THERM channel.
Table 31. INTERRUPT MASK REGISTER 2 (0x75)
Bit
Mnemonic
Description
[7]
D2
1 masks SMBALERT for Diode 2 errors.
[6]
D1
1 masks SMBALERT for Diode 1 errors.
[5]
FAN4
1 masks SMBALERT for Fan 4 failure.
If the TACH4 pin is being used as the
THERM input, this bit masks
SMBALERT for a THERM event. If the
TACH4 pin is being used as GPIO6,
setting this bit masks interrupts related
to GPIO6.
[4]
FAN3
1 masks SMBALERT for Fan 3.
[3]
FAN2
1 masks SMBALERT for Fan 2.
[2]
FAN1
1 masks SMBALERT for Fan 1.
[1]
OVT
1 masks SMBALERT for
overtemperature (exceeding THERM
limits).
[0]
12 V/VC
1 masks SMBALERT for 12 V channel
or for a VID code change, depending on
the function used.
Enabling the SMBALERT Interrupt Output
The SMBALERT interrupt function is disabled by
default. Pin 10 or Pin 14 can be reconfigured as an
SMBALERT output to signal out-of-limit conditions.
Table 32. CONFIGURING PIN 10 AS SMBALERT
OUTPUT
Register
Bit Setting
Configuration Register 3
(0x78)
[1] Pin 10 = SMBALERT
[0] Pin 10 = PWM2
Assigning THERM Functionality to a Pin
Pin 14 on the ADT7476A has four possible functions:
SMBALERT, THERM, GPIO6, and TACH4. The user
chooses the required functionality by setting Bit 0 and Bit 1
of Configuration Register 4 (0x7D).
If THERM is enabled on Bit 1, Configuration Register 3
(0x78):
• Pin 22 becomes THERM.
• If Pin 14 is configured as THERM on Bit 0 and Bit 1 of
Configuration Register 4 (0x7D), THERM is enabled
on this pin.
If THERM is not enabled:
• Pin 22 becomes a 2.5 V measurement input.
• If Pin 14 is configured as THERM, then THERM is
disabled on this pin.
Table 33. CONFIGURING PIN 14
Bit 1
Bit 0
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
GPIO6
THERM as an Input
When THERM is configured as an input, the user can time
assertions on the THERM pin. This can be useful for
connecting to the PROCHOT output of a CPU to gauge
system performance.
When the THERM pin is driven low externally, the user
can also set up the ADT7476A to run the fans at 100%. The
fans run at 100% for the duration of time that the THERM
pin is pulled low. This is done by setting the BOOST bit
(Bit 2) in Configuration Register 3 (0x78) to 1. This works
only if the fan is already running, for example, in manual
mode, when the current duty cycle is above 0x00, or in
automatic mode when the temperature is above TMIN.
If the temperature is below TMIN or if the duty cycle in
manual mode is set to 0x00, pulling the THERM low
externally has no effect. See Figure 31 for more information.
Figure 31. Asserting THERM Low as an Input in
Automatic Fan Speed Control Mode
THERM ASSERTED TO LOW AS
AN INPUT: FANS DO NOT GO
TO 100% BECAUSE TEMPERATURE
IS BELOW TMIN
THERM ASSERTED TO LOW AS
AN INPUT: FANS GO TO 100%
BECAUSE TEMPERATURE IS
ABOVE TMIN AND FANS ARE
ALREADY RUNNING.
TMIN
THERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com