Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 33 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 33 Page - Micronas

Back Button VPC3233D Datasheet HTML 29Page - Micronas VPC3233D Datasheet HTML 30Page - Micronas VPC3233D Datasheet HTML 31Page - Micronas VPC3233D Datasheet HTML 32Page - Micronas VPC3233D Datasheet HTML 33Page - Micronas VPC3233D Datasheet HTML 34Page - Micronas VPC3233D Datasheet HTML 35Page - Micronas VPC3233D Datasheet HTML 36Page - Micronas VPC3233D Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
33
h’23
16
w/r
OUTPUT STRENGTH:
bit[3:0]
0..15
output pin strength
(0 = strong, 15 = weak)
bit[9:4]
address of output pin
32
FIFO control pins FFIE, FFOE, FFWR,
FFRE and FFRSTWR
33
SYNC pins AVO, HS, HC, INTERLACE, VS
bit[10]
0/1
read/write output strength
bit[15:11]
reserved (set to 0)
0
0
0
0
OUTSTR
PADSTR
PADADD
PADWR
h’30
8
w/r
V-SYNC DELAY CONTROL:
bit[7:0]
VS delay (8 LLC clock cycles per LSB)
0
VSDEL
VSDEL
656 Interface
h’24
8
w/r
656 OUTPUT INTERFACE
bit [0]
1
disable hor. & vert. blanking of invalid
data in 656 mode
bit [1]
0
use vertical window as VFLAG
1
use vsync as VFLAG
bit [2]
enable suppression of 656-headers
during invalid video lines
bit [3]
enable ITU-656 output format
bit [4]
0/1
LLC1/LLC2 used as reference clock
bit [5]
0/1
output mode: DIGIT 3000 / LLC
0
0
0
0
0
1
OUT656
DBLNK
VSMODE
HSUP
656enable
DBLCLK
OMODE
Sync Generator
h’21
16
w/r
LINE LENGTH:
bit[10:0]
LINE LENGTH register
In LLC mode, this register defines the
cycle of the sync counter which generates
the SYNC pulses.
In LLC mode, the synccounter counts from
0 to LINE LENGTH, so this register has to
be set to “number of pixels per line –1”.
In DIGIT3000 mode, LINE LENGTH has to
be set to 1295 for correct adjustment of
vertical signals.
bit[15:11]
reserved (set to 0)
1295
LINLEN
h’26
16
w/r
HC START:
bit[10:0]
HC START defines the beginning of the
HC signal in respect to the value of the
sync counter.
bit[15:11]
reserved (set to 0)
50
HCSTRT
h’27
16
w/r
bit[10:0]
HC STOP defines the end of the HC signal
in respect to the value of the sync counter.
bit[15:11]
reserved (set to 0)
800
HCSTOP
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com