Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 29 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 29 Page - Micronas

Back Button VPC3233D Datasheet HTML 25Page - Micronas VPC3233D Datasheet HTML 26Page - Micronas VPC3233D Datasheet HTML 27Page - Micronas VPC3233D Datasheet HTML 28Page - Micronas VPC3233D Datasheet HTML 29Page - Micronas VPC3233D Datasheet HTML 30Page - Micronas VPC3233D Datasheet HTML 31Page - Micronas VPC3233D Datasheet HTML 32Page - Micronas VPC3233D Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
29
2.12.9. External Field Memory
The requirements of the external field memory are:
– FIFO type access with reset
– write mask function: The increasing of the write
address pointer and the over writing of the data
should be controlled separately.
– output disable function: tri-statetable outputs
For PIP applications, VPC 32xxD supports 4:1:1 or
4:2:2 chrominance format. Table 2–13 shows the typi-
cal memory size for a 13.5 and 16 MHz system clock
application.
The following 5 signals are generated by VPC 32xxD
to control the external field memory:
RSTWR (reset write/read) resets the internal write/
read address pointer to zero.
WE (write enable) is used to enable or disable incre-
menting of the internal write address pointer.
IE (input enable) is used to enable writing data from
the field memory input pins into the memory core, or to
disable writing and thereby preserving the previous
content of the memory (write mask function).
RE (read enable) is used to enable or disable incre-
menting the internal read address pointer.
OE (output enable) is used to enable or disable data
output to the output pins.
As serial write and serial read clock (SWCK and
SRCK, respectively) of the field memory the line
locked clocks LLC1 and/or LLC2 are used.
Table 2–12: Settings for Free-Running Mode
Control bit
Function
VPCsingle
VPCpip
VPCmain
write
PIP
write main
pic.
predef.
mode 6, 10
all other
modes
bit[11] of LLC_CLKC
(FP h’6a)
enable/disable
LLC PLL
100
10
bit[15] of AVO START
(I2C h’28)
enable/disable free-
running sync mode
100
10
Table 2–13: Word length and minimum size of the field
memory
Chromi-
nance
format
Word
length
Memory size
[bit]
[word]
[bit]
4:1:1
12
245376
2944512
4:2:2
16
245376
3926016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com