Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 15 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 15 Page - Micronas

Back Button VPC3233D Datasheet HTML 11Page - Micronas VPC3233D Datasheet HTML 12Page - Micronas VPC3233D Datasheet HTML 13Page - Micronas VPC3233D Datasheet HTML 14Page - Micronas VPC3233D Datasheet HTML 15Page - Micronas VPC3233D Datasheet HTML 16Page - Micronas VPC3233D Datasheet HTML 17Page - Micronas VPC3233D Datasheet HTML 18Page - Micronas VPC3233D Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
15
2.4.5. 4:4:4 to 4:2:2 Downsampling
After the mixer, the 4:4:4 YCrCb_mix data stream is
downsampled to the 4:2:2 format. For this sake, a
chroma lowpass filter is provided to eliminate high-fre-
quency components above 5-6 Mhz which may typi-
cally be present on inserted high resolution RGB/
YCrCb sources.
In case of main video processing (loopthrough) only, it
is recommended to bypass this filter by using the I2C
bit CIPCFBY.
2.4.6. Fast Blank and Signal Monitoring
The analogue Fast Blank state is monitored by means
of four I2C readable bits. These bits may be used by
the TV controller for SCART signal ident:
– FBHIGH: set by FB high, reset by register read at
FB low
– FBSTAT: FB status at register read
– FBRISE: set by FB rising edge, reset by register
read
– FBFALL: set by FB falling edge, reset by register
read
Fig. 2–11: Fast Blank Monitor
An additional monitoring bit is also provided for the
RGB/YCrCb signal; it indicates whether the ADCs
inputs are clipped or not. In case of clipping conditions
(1Vpp RGB input for example) the ADC range can be
extended by 3db by using the XAR bit.
– CLIPD: set by RGB/YCrCb input clip, reset by regis-
ter read
2.5. Horizontal Scaler
The 4:2:2 YCrCb signal from the mixer output is pro-
cessed by the horizontal scaler. It contains a lowpass-
filter, a prescaler, a scaling engine and a peaking filter.
The scaler block allows a linear or nonlinear horizontal
scaling of the input signal in the range of 1/32 to 4.
Nonlinear scaling, also called “panorama vision”, pro-
vides a geometrical distortion of the input picture. It is
used to fit a picture with 4:3 format on a 16:9 screen by
stretching the picture geometry at the borders. Also,
the inverse effect - called water glass - can be pro-
duced by the scaler. A summary of scaler modes is
given in Table 2–3.
2.5.1. Horizontal Lowpass-filter
The luma filter block applies anti-aliasing lowpass fil-
ters. The cutoff frequencies are selectable and have to
be adapted to the horizontal scaling ratio.
Table 2–2: CIP softmixer modes
I2C
CIP
mode
SELLIN
RGB
DLY
FBCLP
FB
MODE
Force
YCrCb
main
00x
11
Force
RGB/
YCrCb
00x
x0
Static
Mixer
001
01
FB
Linear
000
01
FB non-
Linear
110
01
<27>FBLHIGH
<27>FBLFALL
<27>FBLRISE
<27>FBLSTAT
reading I2C
register <27>
analog fast
blank input
0
0
0
0
0
0
0
0
1
1
1
1
10
0
0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com