Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 39 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 39 Page - Micronas

Back Button VPC3233D Datasheet HTML 35Page - Micronas VPC3233D Datasheet HTML 36Page - Micronas VPC3233D Datasheet HTML 37Page - Micronas VPC3233D Datasheet HTML 38Page - Micronas VPC3233D Datasheet HTML 39Page - Micronas VPC3233D Datasheet HTML 40Page - Micronas VPC3233D Datasheet HTML 41Page - Micronas VPC3233D Datasheet HTML 42Page - Micronas VPC3233D Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
39
h’96
8
w/r
ADC RANGE :
bit[0]
reserved (set to 0)
bit[1]
0/1
0/+3dB extended ADC range
INPUT PORT SELECT :
bit[2]
0/1
1/2 input port select
SOFTMIXER CONTROL:
bit[5]
0/1
clamp fb to a programable value (0:normal
1: fb=31
−FBOFFS )
bit[6]
0/1
bypass chroma 444
−>422 decimation filter
RGB/YUV SELECT:
bit[7]
0/1
rgb/yuv input select
bit[4:3]
reserved (set to 0)
0
0
0
1
0
CIPCNTL
XAR
RGBSEL
FBCLP
CIPCFBY
YUV
h’97
8
r
FB MONITOR:
bit[0]
0/1
set by fb high, reset by reg. read and fb low
bit[1]
0/1
set by fb falling edge, reset by reg. read
bit[2]
0/1
set by fb rising edge, reset by reg. read
bit[3]
0/1
fb status at register read
CLIP DETECTOR:
bit[4]
0/1
rgb/yuv input clip detect, reset by read
−
−
−
−
−
CIPMON
FBHIGH
FBFALL
FBRISE
FBSTAT
CLIPD
Hardware ID
h’9f
16
r
Hardware version number
bit[7:0]
0/255
hardware id 1=A, 2=B aso.
bit[11:8] 0/3
product code
0VPC32x0D
1VPC32x1D
2VPC32x2D
3VPC32x3D
bit[15:12] 0/15
product code
3
VPC323xD 100Hz version
4
VPC324xD 50Hz version
read
only
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com