Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 13 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 13 Page - Micronas

Back Button VPC3233D Datasheet HTML 9Page - Micronas VPC3233D Datasheet HTML 10Page - Micronas VPC3233D Datasheet HTML 11Page - Micronas VPC3233D Datasheet HTML 12Page - Micronas VPC3233D Datasheet HTML 13Page - Micronas VPC3233D Datasheet HTML 14Page - Micronas VPC3233D Datasheet HTML 15Page - Micronas VPC3233D Datasheet HTML 16Page - Micronas VPC3233D Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
13
2.3.9. Luminance Notch Filter
If a composite video signal is applied, the color infor-
mation is suppressed by a programmable notch filter.
The position of the filter center frequency depends on
the subcarrier frequency for PAL/NTSC. For SECAM,
the notch is directly controlled by the chroma carrier
frequency. This considerably reduces the cross-lumi-
nance. The frequency responses for all three systems
are shown in Fig. 2–9.
Fig. 2–9: Frequency responses of the luma
notch filter for PAL, NTSC, SECAM
2.3.10. Skew Filtering
The system clock is free-running and not locked to the
TV line frequency. Therefore, the ADC sampling pat-
tern is not orthogonal. The decoded YCrCb signals are
converted to an orthogonal sampling raster by the
skew filters, which are part of the scaler block.
The skew filters are controlled by a skew parameter
and allow the application of a group delay to the input
signals without introducing waveform or frequency
response distortion.
The amount of phase shift of this filter is controlled by
the horizontal PLL1. The accuracy of the filters is 1/32
clocks for luminance and 1/4 clocks for chroma. Thus
the 4:2:2 YCrCb data is in an orthogonal pixel format
even in the case of nonstandard input signals such as
VCR.
2.4. Component Interface Processor CIP
This block (see Fig. 2–10) contains all the necessary
circuitry dedicated to external analogue components
(YCrCb_cip) such as RGB or YCrCb signals from DVD
players, or other RGB sources with Fast Blank for real
time insertion on the main picture (YCrCb_main).
2.4.1. Component Analogue Front End
VPC 32xxD provides two analogue RGB/YCrCb input
ports, one with Fast Blank capability and one without.
It is strongly recommended to use analogue 5 MHz
anti-alias low-pass filters on each input, including FB.
While all signals need to be capacitively coupled by
220 nF clamping capacitors, the Fast Blank input
requires DC coupling.
The selected signal channel is further converted into a
digital form by 3 high quality ADCs running at
20.25 MHz with a resolution of 8 bits. The FB input is
digitized with a resolution of 6 bits.
Note: The VPC32xxD system synchronization always
occurs through the main CVBS/Y ADC input. In any
component mode, this input must therefore be handled
accordingly.
2.4.2. Matrix
The RGB signals are converted to the YCrCb format by
a matrix operation:
Y = 0.299R + 0.587G + 0.114B
(R
−Y)= 0.701R − 0.587G − 0.114B
(B
−Y)=−0.299R − 0.587G + 0.886B
In case of YCrCb input the matrix is bypassed.
2.4.3. Component YCrCb Control
To guarantee optimum mixing results, various I2C pro-
grammable parameters are provided:
–0
≤ contrast ≤63/32
–
−128 ≤ brightness ≤ 127
–0
≤ saturation Cr ≤ 63/32
–0
≤ saturation Cb ≤ 63/32
–
−20 ≤ tint ≤ 20 degrees
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
dB
MHz
10
02
4
6
8
10
0
–10
–20
–30
–40
PAL/NTSC notch filter
SECAM notch filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com