Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 44 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 44 Page - Micronas

Back Button VPC3233D Datasheet HTML 40Page - Micronas VPC3233D Datasheet HTML 41Page - Micronas VPC3233D Datasheet HTML 42Page - Micronas VPC3233D Datasheet HTML 43Page - Micronas VPC3233D Datasheet HTML 44Page - Micronas VPC3233D Datasheet HTML 45Page - Micronas VPC3233D Datasheet HTML 46Page - Micronas VPC3233D Datasheet HTML 47Page - Micronas VPC3233D Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
44
Micronas
Scaler Control Register
h’40
scaler mode register
bit[1:0]
scaler mode
0
linear scaling mode
1
nonlinear scaling mode, ’panorama’
2
nonlinear scaling mode, ’waterglass’
3reserved
bit[2]
reserved, set to 0
bit[3]
color mode select
0/1
4:2:2 mode / 4:1:1 mode
bit[4]
scaler bypass
bit[5]
reserved, set to 0
bit[6]
luma output format
0
ITU-R luma output format (16–240)
1
CVBS output format
bit[7]
chroma output format
0/1
ITU-R (offset binary) / signed
bit[10:8] reserved, set to 0
bit[11]
0
scaler update command, when the registers are
updated the bit is set to 1
0SCMODE
PANO
S411
BYE
YOF
COF
h’41
pip control register
bit[1:0]
horizontal downsampling
0
no downsampling
1
downsampling by 2
2
downsampling by 4
3
downsampling by 8
bit[3:2]
vertical compression for PIP
0
compression by 2
1
compression by 3
2
compression by 4
3
compression by 6
bit[4]
vertical filter enable
bit[5]
interlace offset for vertical filter (NTSC mode only)
0
start in line 283 of 2nd field (ITUR 656 spec)
1
start in line 282 of 2nd field (NTSC spec)
this register is updated when the scaler mode register is written
0SCPIP
DOWNSAMP
PIPSIZE
PIPE
INTERLACE_OFF
h’42
active video length for 1H-FIFO
bit[11:0] length in pixels
D3000 mode (1296/h)1080
LLC mode (864/h)720
this register is updated when the scaler mode register is written
1080
FFLIM
h’43
scaler1 coefficient: This scaler compresses the signal.
For compression by a factor c, the value c*1024 is required.
bit[11:0]
allowed values from 1024... 4095
This register is updated when the scaler mode register is written.
1024
SCINC1
h’44
scaler2 coefficient: This scaler expands the signal.
For expansion by a factor c, the value 1/c*1024 is required.
bit[11:0]
allowed values from 256..1024
This register is updated when the scaler mode register is written.
1024
SCINC2
h’45
scaler1/2 nonlinear scaling coefficient
This register is updated when the scaler mode register is written.
0
SCINC
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com