Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 43 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 43 Page - Micronas

Back Button VPC3233D Datasheet HTML 39Page - Micronas VPC3233D Datasheet HTML 40Page - Micronas VPC3233D Datasheet HTML 41Page - Micronas VPC3233D Datasheet HTML 42Page - Micronas VPC3233D Datasheet HTML 43Page - Micronas VPC3233D Datasheet HTML 44Page - Micronas VPC3233D Datasheet HTML 45Page - Micronas VPC3233D Datasheet HTML 46Page - Micronas VPC3233D Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
43
DVCO
h’f8
crystal oscillator center frequency adjust, –2048 ... 2047
–720
DVCO
h’f9
crystal oscillator center frequency adjustment value for line-lock
mode, true adjust value is DVCO – ADJUST.
For factory crystal alignment, using standard video signal: disable
autolock mode, set DVCO = 0, set lock mode, read crystal offset from
ADJUST register and use negative value for initial center frequency
adjustment via DVCO.
read only
ADJUST
h’f7
crystal oscillator line-locked mode, lock command/status
write: 100
enable lock
0
disable lock
read: 0
unlocked
>2047
locked
0XLCK
h’b5
crystal oscillator line-locked mode, autolock feature. If autolock is
enabled, crystal oscillator locking is started automatically.
bit[11:0]
threshold, 0:autolock off
400
AUTOLCK
FP Status Register
h’12
general purpose control bits
bit[2:0]
reserved, do not change
bit[3]
vertical standard force
bit[8:4]
reserved, do not change
bit[9]
disable flywheel interlace
bit[11:10]
reserved, do not change
to enable vertical free run mode set vfrc to 1 and dflw to 0
0
1
VFRC
DFLW
h’13
standard recognition status
bit[0]
1
vertical lock
bit[1]
1
horizontally locked
bit[2]
1
no signal detected
bit[3]
1
color amplitude killer active
bit[4]
1
disable amplitude killer
bit[5]
1
color ident killer active
bit[6]
1
disable ident killer
bit[7]
1
interlace detected
bit[8]
1
no vertical sync detection
bit[9]
1
spurious vertical sync detection
bit[12:10]
reserved
–ASR
h’14
input noise level, available only for VPC 323xC
read only
NOISE
h’cb
number of lines per field, P/S: 312, N: 262
read only
NLPF
h’15
vertical field counter, incremented per field
read only
VCNT
h’74
measured sync amplitude value, nominal: 768 (PAL), 732 (NTSC)
read only
SAMPL
h’31
measured burst amplitude
read only
BAMPL
h’f0
firmware version number
bit[7:0]
internal revision number
bit[11:8]
firmware release
hardware id see I2C register h’9f
read only
–
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com