Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3233D Datasheet(PDF) 45 Page - Micronas

Part # VPC3233D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3233D Datasheet(HTML) 45 Page - Micronas

Back Button VPC3233D Datasheet HTML 41Page - Micronas VPC3233D Datasheet HTML 42Page - Micronas VPC3233D Datasheet HTML 43Page - Micronas VPC3233D Datasheet HTML 44Page - Micronas VPC3233D Datasheet HTML 45Page - Micronas VPC3233D Datasheet HTML 46Page - Micronas VPC3233D Datasheet HTML 47Page - Micronas VPC3233D Datasheet HTML 48Page - Micronas VPC3233D Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
45
h’47 –
h’4b
scaler1 window controls, see table
5 12-bit registers for control of the nonlinear scaling
This register is updated when the scaler mode register is written.
0
SCW1_0 – 4
h’4c –
h’50
scaler2 window controls, see table
5 12-bit registers for control of the nonlinear scaling
This register is updated when the scaler mode register is written.
0
SCW2_0 – 4
h’52
brightness register
bit[7:0]
luma brightness
−128...127
ITU-R output format: 16
CVBS output format:
−4
bit[9:8]
horizontal lowpass filter for Y/C
0bypass
1filter 1
2filter 2
3filter 3
bit[10]
horizontal lowpass filter for highresolution chroma
0/1
bypass/filter enabled
this register is updated when the scaler mode register is written
16
16
0
0
SCBRI
BR
LPF2
CBW2
h’53
contrast register
bit[5:0]
luma contrast 0..63
ITU-R output format: 48
bit[7:6]
horizontal peaking filter
0broad
1med
2narrow
bit[10:8] peaking gain
0
no peaking... 7 max. peaking
bit[10]
peaking filter coring enable
0/1
bypass/coring enabled
this register is updated when the scaler mode register is written
48
48
0
0
0
SCCT
CT
PFS
PK
PKCOR
LLC Control Register
h’65
vertical freeze start
freeze llc pll for llc_start < line number < llc_stop
bit[11:0]
allowed values from –156...+156
–10
LLC_START
h’66
vertical freeze stop
freeze llc pll for llc_start < line number < llc_stop
bit[11:0]
allowed values from –156...+156
4LLC_STOP
h’69
h’6a
20 bit llc clock center frequency
12.27 MHz
−79437 = h’FEC9B2
13.5 MHz
174763 = h’02AAAB
14.75 MHz
194181 = h’02F685
16 MHz
–135927 = h’FDED08
18 MHz
174763 = h’02AAAB
42 = h’02A
2731 = h’AA
B
LLC_CLOCKH
LLC_CLOCKL
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com