Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 28 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 28 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 24Page - Microchip Technology RN4870 Datasheet HTML 25Page - Microchip Technology RN4870 Datasheet HTML 26Page - Microchip Technology RN4870 Datasheet HTML 27Page - Microchip Technology RN4870 Datasheet HTML 28Page - Microchip Technology RN4870 Datasheet HTML 29Page - Microchip Technology RN4870 Datasheet HTML 30Page - Microchip Technology RN4870 Datasheet HTML 31Page - Microchip Technology RN4870 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
RN4870/71
DS50002489A-page 28
 2016 Microchip Technology Inc.
5.3
Power Drop Protection
To prevent any problems that may arise when the
power supply goes below 1.9V, a power-supply drop-
protection circuit is recommended. Essentially, this
circuit consists of a Reset IC which acts as an Open
Drain with a Delay =< 10 ms, and is triggered at 1.8V
power supply. Figure 5-6 shows a recommended
power drop protection circuit.
FIGURE 5-6:
POWER DROP PROTECTION CIRCUIT
RN4870/71
VBAT
RST_N
Reset IC
OUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com