Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 3Page - Microchip Technology RN4870 Datasheet HTML 4Page - Microchip Technology RN4870 Datasheet HTML 5Page - Microchip Technology RN4870 Datasheet HTML 6Page - Microchip Technology RN4870 Datasheet HTML 7Page - Microchip Technology RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology RN4870 Datasheet HTML 10Page - Microchip Technology RN4870 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 7
RN4870/71
1.2
Module Configuration
The GPIO pins of the RN4870 and RN4871 modules
can be configured to different functions using the ASCII
command interface. Table 1-3 shows the various pins
in the RN4870/71 module that are available for
configuration and their default configuration settings.
Table 1-4 provides details on each functions available.
Table 1-5 shows the status of the module as indicated
by the Status 1 and Status 2 indication pins. Table 1-6
shows the details of test pads that are present on the
bottom side of the module, used for diagnostic
purposes during testing. Figure 1-5 shows all the key
elements of the module.
TABLE 1-3:
CONFIGURABLE PINS AND DEFAULT FUNCTIONS IN THE RN4870 AND RN4871
Pin Name
Available in
Default Function
RN4870
RN4871
P0_7
x
—
Low Battery Indication
P1_0
x
—
Status 2
P1_1
x
—
Status 1
P2_2
x
—
None
P2_4
x
—
None
P3_1
x
—
RSSI Indication
P3_2
x
—
Link Drop
P3_3
x
—
UART RX Indication
P3_4
x
—
Pairing Key
P3_5
x
—
None
P1_2
x
x
None
P1_3
x
x
None
P1_6
—
x
UART RX Indication
P1_7
—
x
None
TABLE 1-4:
CONFIGURABLE FUNCTIONS AND DESCRIPTIONS
Function Name
Description
Low Battery Indication
Pin output goes low when the VDD is below a specified level. To set the threshold
level, change the EEPROM settings.
Status 1
Use this indication pin along with the Status 2 pin to indicate the current status of
the module. Refer to Table 1-5 for details of the status indication.
Status 2
Use this indication pin along with the Status 1 pin to indicate the current status of
the module. Refer to Table 1-5 for details of the status indication.
RSSI Indication
Use this indication pin to indicate the quality of the link based on the RSSI level.
If the RSSI level is lower than the specified threshold value, then the RSSI
indication pin goes low. Set the threshold for the RSSI link quality in EEPROM.
Link Drop
Use this pin to force the module to drop the current BLE link with a peer device.
Pulling the Link Drop pin low forces the connection to close. The pin needs to be
pulled low for at least 10 ms.
UART RX Indication
Use this pin to enable communication with the UART when the module is in Low-
Power mode. When not in Low-Power mode, the module runs on a 16 MHz
clock. If Low-Power mode is enabled on the module by using command SO,1,
the module runs on a 32 kHz clock thus reducing power consumption. However,
in Low-Power mode, the host MCU cannot communicate with the module via the
UART since the UART is not operational. If the user intends to provide data or
commands via UART in the Low-Power mode, then the UART RX INDICATION
pin must be pulled low and the user needs to wait for at least five milliseconds
before sending the data. Pulling the UART RX INDICATION pin low allows the
module to operate the 16 MHz clock and to enable UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com