Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 9 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 5Page - Microchip Technology RN4870 Datasheet HTML 6Page - Microchip Technology RN4870 Datasheet HTML 7Page - Microchip Technology RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology RN4870 Datasheet HTML 10Page - Microchip Technology RN4870 Datasheet HTML 11Page - Microchip Technology RN4870 Datasheet HTML 12Page - Microchip Technology RN4870 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 9
RN4870/71
2.0
SPECIFICATIONS
Table 2-1 provides the general specifications for the
module. Table 2-2 and Table 2-3 provide the electrical
characteristics and the current consumption of the
module.
TABLE 2-1:
GENERAL SPECIFICATIONS
Specification
Description
Standard Compliance
Bluetooth 4.2
Frequency Band
2.402 to 2.480 GHz
Modulation Method
GFSK
Maximum Data Rate (Transparent UART)
10 kBps (iOS®9)
Antenna
Ceramic
Interface
UART, AIO, PIO
Operating Range
1.9V to 3.6V
Sensitivity
-90 dBm
RF TX Power
0 dBm
Operating Temperature Range
-20°C to +70°C
Storage Temperature Range
-65°C to +150°C
Operating Relative Humidity Range
10% to 90%
Storage Relative Humidity Range
10% to 90%
Moisture Sensitivity Level
2
TABLE 2-2:
ELECTRICAL CHARACTERISTICS
Parameter
Min.
Typ.
Max.
Units
Supply Voltage (VDD)
1.9
3.6
V
I/O Supply Voltage (VDD_IO = VDD)
1.9
3.6
V
I/O Voltage Levels
VIL Input Logic Levels Low
VSS
0.3 VDD
V
VIH Input Logic Levels High
0.7 VDD
—VDD
V
VOL Output Logic Levels Low
Vss
0.2 VDD
V
VOH Output Logic Levels High
0.8 VDD
—VDD
V
Reset
VTH,RES Threshold Voltage
1.6
V
Reset Low Duration
63
ns
Input and Tri-State Current with
Pull-Up Resistance
34
48
74
k
Pull-Down Resistance
29
47
86
k
Leakage Current
-1
1
µA
ADC (Analog to Digital Converter)
Full Scale (BAT_IN)
0
3.0
3.6
V
Full Scale (AD0~AD15)
0
3.6
V
Conversion Time (ENOB 8-bit)
131
µs
Conversion Time (ENOB 10-bit)
387
µs
Operating Current
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com