Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 39 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 39 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 35Page - Microchip Technology RN4870 Datasheet HTML 36Page - Microchip Technology RN4870 Datasheet HTML 37Page - Microchip Technology RN4870 Datasheet HTML 38Page - Microchip Technology RN4870 Datasheet HTML 39Page - Microchip Technology RN4870 Datasheet HTML 40Page - Microchip Technology RN4870 Datasheet HTML 41Page - Microchip Technology RN4870 Datasheet HTML 42Page - Microchip Technology RN4870 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 39
RN4870/71
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 8.4, RSS-Gen, Issue 4, November
2014): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
10.2.2
RF EXPOSURE
All transmitters regulated by IC must comply with RF
exposure requirements listed in RSS-102 - Radio Fre-
quency (RF) Exposure Compliance of Radiocommuni-
cation Apparatus (All Frequency Bands).
10.2.3
HELPFUL WEB SITES
Industry Canada: http://www.ic.gc.ca/
10.3
Europe
The RN4870/71 module is an R&TTE Directive
assessed radio module that is CE marked and has
been manufactured and tested with the intention of
being integrated into a final product.
The RN4870/71 module has been tested to R&TTE
Directive 1999/5/EC Essential Requirements for Health
and Safety (Article (3.1(a)), Electromagnetic Compati-
bility (EMC) (Article 3.1(b)), and Radio (Article 3.2) and
are summarized in Table 10-1 and Table 10-2 Euro-
pean Compliance Testing. A Notified Body Opinion has
also been issued. All test reports are available on the
RN4870/71 product web page at http://www.micro-
chip.com.
The R&TTE Compliance Association provides guid-
ance on modular devices in document Technical
Guidance Note 01 available at
http://www.rtteca.com/html/download_area.htm.
10.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN4870/71 module must follow CE marking require-
ments. The R&TTE Compliance Association Technical
Guidance Note 01 provides guidance on final product
CE marking.
This device complies with Industry Canada's license-
exempt RSSs. Operation is subject to the following
two conditions:
(1) This device may not cause interference; and
(2) This device must accept any interference, includ-
ing interference that may cause undesired operation
of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes:
(1) l'appareil ne doit pas produire de brouillage;
(2) l'utilisateur de l'appareil doit accepter tout brouil-
lage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
Note:
To maintain conformance to the testing
listed in Table 10-1, the module shall be
installed in accordance with the installa-
tion instructions in this data sheet and
shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com