Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN4870 Datasheet(PDF) 8 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 8 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 4Page - Microchip Technology RN4870 Datasheet HTML 5Page - Microchip Technology RN4870 Datasheet HTML 6Page - Microchip Technology RN4870 Datasheet HTML 7Page - Microchip Technology RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology RN4870 Datasheet HTML 10Page - Microchip Technology RN4870 Datasheet HTML 11Page - Microchip Technology RN4870 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
RN4870/71
DS50002489A-page 8
 2016 Microchip Technology Inc.
FIGURE 1-5:
BLOCK DIAGRAM OF THE RN4870/71
Pairing Key
Use this pin to force the module to enter Standby mode. The pin must be pulled
down for at least 160 ms.
RF Active Indication
Use this indication pin to indicate that the module is currently performing an
active transmission and receiving BLE data.
TABLE 1-5:
STATUS INDICATION PINS
Status 1
Status 2
State
High
High
Power On
High
Low
Standby state
Low
Low
Connection established
Low
High
Data session open (Transparent UART)
TABLE 1-6:
TEST POINTS ON THE BOTTOM SIDE
RN4870U
RN4870
RN4871U
RN4871
Symbol
Description
TP-1
TP-1
TP-3
TP-3
VCC_PA
1.55V RF PA LDO
TP-2
TP-2
TP-1
TP-5
CLDO_O
1.2V CLDO Output
TP-3
TP-3
TP-2
TP-2
VCC_RF
1.2V RF LDO Output
—
—
TP-4
TP-4
ULPC_O
1.2V ULPC LDO Output
—
—
TP-5
TP-1
BK_O
1.55V Buck Reg Output
TABLE 1-4:
CONFIGURABLE FUNCTIONS AND DESCRIPTIONS (CONTINUED)
Function Name
Description
RN4870/RN4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com